Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC44BC375U/J/T Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MC44BC375U/J/T
Description  MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC44BC375U/J/T Datasheet(HTML) 5 Page - NXP Semiconductors

  MC44BC375U/J/T Datasheet HTML 1Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 2Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 3Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 4Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 5Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 6Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 7Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 8Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Electrical Characteristics
MC44BC375/U/J/T Technical Data
6 Electrical Characteristics
•
A = 100% Tested
•
B = 100% Correlation tested
•
C = Characterized on samples
•
D = Design parameter
6.1 Specification Conditions
Unless otherwise stated: Vcc = 5.0V, T amb. = 25°C.Video input 1Vp-p, 10 step greyscale. RF inputs /
outputs into 75
Ω load. SPECIFICATIONS ONLY VALID FOR ENVELOPE DEMODULATION
Power Supply Parameters
Min
Typ
Max
Unit
Notes
Type
Operating Supply Voltage range
4.5
5.0
5.5
V
B
Total Supply Current
40
47
55
mA
All sections active
A
Total Standby Mode Supply Current
3
5
7
mA
PSave/LO=LO
A
DC Parameter
Min
Typ
Max
Unit
Type
Threshold voltage level on pins CHS, PSS, SFS, PSave/LO
2.1
V
C
Sound Comparator Charge Pump Current: During locking
When locked
710
12
µA
A
0.7
1
1.5
µA
A
RF Comparator Charge Pump Current
60
100
150
µA
A
Crystal Oscillator Stability - negative resistance
1
-
-
K
Ω
D
Logic Output Port: Saturation voltage @ I=15mA
Leakage current
-
-
210
-
300
1
mV
uA
A
A
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com