Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC44BC375U/J/T Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MC44BC375U/J/T
Description  MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC44BC375U/J/T Datasheet(HTML) 1 Page - NXP Semiconductors

  MC44BC375U/J/T Datasheet HTML 1Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 2Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 3Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 4Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 5Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 6Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 7Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 8Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MC44BC375/U/J/T
Ordering Information
Device
Temp. Range
Package
MC44BC375UD, R2
MC44BC375JD, R2
MC44BC375TD, R2
-20°C to +85°C
SO16NB
NOTE: For tape and reel, add R2 suffix.
SO16 Package
This document contains information on a product under development. Freescale reserves the right to change or
discontinue this product without notice. © Motorola, Inc., 2002. All rights reserved.
Technical Data
MC44BC375/D
Rev. 2.6 01/2003
MC44BC375/U/J/T
PLL Tuned VHF Audio/
Video High Integration
Modulator ICs
Contents List
1 Features ... ... .. ... .. 2
2 Device Overview . ... .. 3
3 Maximum Ratings ... .. 4
4 Thermal Rating .. ... .. 4
5 Electrostatic Discharge 4
6Electrical
Characteristics
5
7 Pin Selection .. .. ... .. 6
8 High Frequency
Characteristics
(U Version)
6
9 Video Characteristics . . 7
10 Audio Characteristics . . 7
11 Characterization
Measurement
Conditions
7
12 Modulator
Functionality
11
13 Pin Circuit Schematics 14
14 MC44BC375U Application
Schematic
15
15 Markings and Case
Diagrams
16
This modulator circuit is for use in VCRs, set top boxes and similar devices. The device
differences are as follows:
•
MC44BC375U VHF [CH3 & CH4] (Americas)
•
MC44BC375J VHF [CH1 & CH2] (Japan)
•
MC44BC375T VHF [CH13] (Taiwan)
Figure 1. MC44BC375U/J/T Pin Connection Diagram
SFS
PLLFLT
XTAL
GND
AUDIO
GND
TVOVCC
PSave/LO
CHS
LOP
PREEM
TVOUT
VCCA
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SPLFLT
VIDEO
PSS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC44BC375U/J/T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44BC375U MOTOROLA-MC44BC375U Datasheet
537Kb / 20P
PLL Tuned VHF Audio/ Video High Integration Modulator ICs
logo
Freescale Semiconductor...
MC44BC375U FREESCALE-MC44BC375U Datasheet
558Kb / 20P
PLL Tuned VHF Audio/Video High Integration Modulator ICs
MC44BC375U FREESCALE-MC44BC375U Datasheet
617Kb / 16P
PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
MC44BC375UA FREESCALE-MC44BC375UA Datasheet
3Mb / 26P
PLL Tuned VHF Audio/Video High Integration IC
MC44BC375UA FREESCALE-MC44BC375UA Datasheet
617Kb / 16P
PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
More results

Similar Description - MC44BC375U/J/T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC44BC375 MOTOROLA-MC44BC375 Datasheet
537Kb / 20P
PLL Tuned VHF Audio/ Video High Integration Modulator ICs
MC44BS373CA MOTOROLA-MC44BS373CA Datasheet
637Kb / 52P
PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
logo
Freescale Semiconductor...
MC44BS374T1 FREESCALE-MC44BS374T1 Datasheet
1Mb / 34P
PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BC373C FREESCALE-MC44BC373C Datasheet
1Mb / 30P
PLL Tuned UHF and VHF Audio/Video High Integration Modulator
MC44BC375UA FREESCALE-MC44BC375UA Datasheet
3Mb / 26P
PLL Tuned VHF Audio/Video High Integration IC
MC44BS373CA FREESCALE-MC44BS373CA Datasheet
880Kb / 52P
PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
MC44BC374T1 FREESCALE-MC44BC374T1 Datasheet
659Kb / 26P
PLL Tuned PAL/NTSC UHF and VHF Audio/Video High Integration Modulator IC
MC44BC375 FREESCALE-MC44BC375 Datasheet
558Kb / 20P
PLL Tuned VHF Audio/Video High Integration Modulator ICs
MC44BC375U FREESCALE-MC44BC375U Datasheet
617Kb / 16P
PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
MC44CC375AV FREESCALE-MC44CC375AV Datasheet
313Kb / 16P
PLL Tuned VHF (Channel 3 / 4)Audio / Video Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com