Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC44BC375U/J/T Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MC44BC375U/J/T
Description  MC44BC375/U/J/T PLL Tuned VHF Audio/Video High Integration Modulator ICs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC44BC375U/J/T Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MC44BC375U/J/T Datasheet HTML 4Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 5Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 6Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 7Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 8Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 9Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 10Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 11Page - NXP Semiconductors MC44BC375U/J/T Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MC44BC375/U/J/T Technical Data
Characterization Measurement Conditions
Device and Signals Set-up
Measurement Set-up
TVOUT Output Level
Video: 10 steps grey scale
No audio
Measured picture carrier in dBuV with the HP8596E Spectrum Analyzer
using a 75 to 50 ohm transformation, all cables losses and transformation
pads having been calibrated.
Measurement used as a reference for other tests: TVout_Ref
Sound Subcarrier Harmonics
Video: 10 steps grey scale
No Audio signal
Measure in dBc second and third sound harmonics levels in reference to
picture carrier (TVout_Ref).
Second Harmonics of Chroma subcarrier
No audio
Video: a 700mVpk-pk 100Khz sinusoidal
signal is inserted on the black level of
active video area.
Measure in dBc, in reference to picture carrier (TVout_Ref), second
harmonic of chroma at channel frequency plus 2 times chroma
frequency, resulting in the following spectrum.
Chroma/Sound intermodulation
No audio signal
Video: 700mVpk-pk 100Khz sinusoidal
signal inserted on the black level of
active video area.This is generated using
a Rohde & Schwarz Video Generator
SAF and inserting the required frequency
from a RF Signal generator.
Measure in dBc, in reference to picture carrier (TVout_Ref),
intermodulation product at channel frequency plus the sound carrier
frequency (+5,5Mhz) minus the chroma frequency (-4,43Mhz), resulting
in the following spectrum.
Intermodulation product is at the channel frequency +1,07Mhz.
Picture Carrier Harmonics
Picture carrier
Sound carrier
Sound
+5.5Mhz
Fo
+11Mhz +16.5Mhz
2nd harm
Sound
3rd harm
700mV pk-pk
Frequency
100kHz
Frequency
100Khz
700mVpkpk
Picture carrier
Sound
Chroma 2nd
+8.86Mhz
Fo
+4.43Mhz +5.5Mhz
Harmonic
carrier
Chroma
carrier
700mV pk-pk
Frequency
100kHz
Frequency
4.43Mhz
700mVpkpk
Picture carrier
Chroma/Sound
+1.07Mhz
Fo
Intermod.
Sound
+4.43Mhz +5.5Mhz
carrier
Chroma
carrier
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com