Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC05RC16GRS/D Datasheet(PDF) 55 Page - NXP Semiconductors

Part # HC05RC16GRS/D
Description  General Release Specification
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC05RC16GRS/D Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button HC05RC16GRS/D Datasheet HTML 51Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 52Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 53Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 54Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 55Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 56Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 57Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 58Page - NXP Semiconductors HC05RC16GRS/D Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 122 page
background image
Low-Power Modes
Low-Power Reset
MC68HC05RC16 — Rev. 3.0
General Release Specification
Low-Power Modes
consumption. Wait current specifications assume CPU operation only
and do not include current consumption by any other subsystems.
During wait mode, the I bit in the CCR is cleared to enable interrupts. All
other registers, memory, and input/output lines remain in their previous
states. The timer may be enabled to allow a periodic exit from wait mode.
6.6 Low-Power Reset
Low-power reset mode is entered when a logic 0 is detected on the
LPRST pin. When in this mode (as long as LPRST is held low), the MCU
is held in reset and all internal clocks are halted. Applying a logic 1 to
LPRST will cause the part to exit low-power reset mode and begin
counting out the 4064-cycle oscillator stabilization period. Once this time
has elapsed, the MCU will begin operation from the reset vectors
($3FFE–$3FFF).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com