| Electronic Components Datasheet Search |
|
HC05RC16GRS/D Datasheet(PDF) 81 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC16GRS/D Datasheet(HTML) 81 Page - NXP Semiconductors |
|
81 / 122 page ![]() Carrier Modulator Transmitter (CMT) Modulator MC68HC05RC16 — Rev. 3.0 General Release Specification Carrier Modulator Transmitter (CMT) EIMSK — External Interrupt Mask The external interrupt mask bit is used to mask IRQ and keyscan interrupts. This bit is cleared by reset. 1 = IRQ and keyscan interrupts masked 0 = IRQ and keyscan interrupts enabled EXSPC — Extended Space Enable For a description of the extended space enable bit, see 9.5.3 Extended Space Operation. This bit is cleared by reset. 1 = Extended space enabled 0 = Extended space disabled BASE — Baseband Enable When set, the BASE bit disables the carrier generator and forces the carrier output high for generation of baseband protocols. When BASE is clear, the carrier generator is enabled and the carrier output toggles at the frequency determined by values stored in the carrier data registers. See 9.5.1 Time Mode. This bit is cleared by reset. This bit is not double buffered and should not be written to during a transmission. 1 = Baseband enabled 0 = Baseband disabled MODE — Mode Select For a description of CMT operation in time mode, see 9.5.1 Time Mode. For a description of CMT operation in FSK mode, see 9.5.2 FSK Mode. This bit is cleared by reset. This bit is not double buffered and should not be written to during a transmission. 1 = CMT operates in FSK mode. 0 = CMT operates in time mode. IE — Interrupt Enable A CPU interrupt will be requested when EOC is set if IE was previously set. If IE is clear, EOC will not request a CPU interrupt. 1 = CPU interrupt enabled 0 = CPU interrupt disabled Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |