| Electronic Components Datasheet Search |
|
HC05RC16GRS/D Datasheet(PDF) 69 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HC05RC16GRS/D Datasheet(HTML) 69 Page - NXP Semiconductors |
|
69 / 122 page ![]() Carrier Modulator Transmitter (CMT) Overview MC68HC05RC16 — Rev. 3.0 General Release Specification Carrier Modulator Transmitter (CMT) Figure 9-1. Carrier Modulator Transmitter Module Block Diagram The modulator provides a simple method to control protocol timing. The modulator has a resolution of 4 µs with a 2-MHz oscillator. It can count system clocks to provide real-time control or it can count carrier clocks for self-clocked protocols. It can either gate the carrier onto the modulator output (TIME), control the logic level of the modulator output (baseband) or directly route the carrier to the modulator output while providing a signal to switch the carrier generator between high/low time register buffers (FSK). See 9.5 Modulator. The transmitter output block controls the state of the infrared out pin (IRO). The modulator output is gated on to the IRO pin when the modulator/carrier generator is enabled. Otherwise, the IRO pin is controlled by the state of the IRO latch, which is directly accessible to the CPU by means of bit 7 of the carrier generator data registers CHR1 and CLR1. The IRO latch can be written to on either edge of the internal bus clock (fosc/2), allowing for IR waveforms which have a resolution of twice the bus clock frequency (fosc). See 9.4.2 Carrier Generator Data Registers (CHR1, CLR1, CHR2, and CLR2). fOSC CARRIER GENERATOR MODULATOR CARRIER OUT MODULATOR OUT MODULATOR/ TRANSMITTER OUTPUT BASE MODE PRIMARY/SECONDARY SELECT CPU INTERFACE IRO PIN fOSC ÷ 2 DB AB EOC INTERRUPT . CARRIER ENABLE Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |