Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70003ASEH Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL70003ASEH
Description  Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70003ASEH Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL70003ASEH Datasheet HTML 3Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 4Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 5Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 6Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 7Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 8Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 9Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 10Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
ISL70003ASEH
FN8746 Rev.4.01
Page 7 of 36
Dec 12, 2019
50
HS
N/A
On the R64.C package (heatsink option) this pin is electrically connected to the heatsink on the
underside of the package. Connect this pin and/or the heatsink to a thermal plane.
51
IMON
1
IMON is a current source output that is proportional to the sensed current through the regulator. If not
used, Renesas recommends tying IMON to VREFA. It is also acceptable to tie IMON to GND through a
resistor.
52
SGND
1
This pin is connected to an internal metal trace that serves as a noise shield. Connect this pin to the
PCB ground plane.
25, 26, 34, 35,
40, 41, 46, 47,
55, 56
PGNDx
7
The power grounds associated with the corresponding internal power blocks. Connect these pins
directly to the PCB ground plane. Connect these pins to the negative terminals of the input and output
capacitors as well. The package lid is internally connected to PGNDx.
59
OCSETA
3
The redundant output overcurrent set input. Connect a resistor from this pin to the PCB ground plane
to set the output overcurrent threshold.
60
OCSETB
3
The primary output overcurrent set input. Connect a resistor from this pin to the PCB ground plane to
set the output overcurrent threshold.
61
BUFIN+
1
The input to the internal unity gain buffer amplifier. For DDR memory power applications, connect the
VTT voltage to this pin.
62
BUFIN-
1
The inverting input to the buffer amplifier. For DDR memory power applications, connect BUFOUT to this
pin. Bypass this pin to the PCB ground plane with a 0.1µF ceramic capacitor.
63
BUFOUT
3
The output of the buffer amplifier. In DDR power applications, connect this pin to the reference input of
the DDR memory. The buffer needs a minimum of 1.0µF load capacitor for stability.
64
REF
1
The output of the internal 600mV reference voltage. Bypass this pin to the PCB ground plane with a
220nF ceramic capacitor located as close as possible to the IC. The bypass capacitor is needed to
mitigate SEE.
Pin Descriptions (Continued)
PIN NUMBER
PIN NAME
ESD CIRCUIT
DESCRIPTION
CIRCUIT 1
PIN #
VREFA
GNDA
VREFD
GNDD
PIN #
GNDD
PIN #
7V
CLAMP
GNDA
PIN #
7V
CLAMP
CIRCUIT 3
CIRCUIT 4
GNDA
VDDA
18V
CLAMP
CIRCUIT 5
CIRCUIT 2
CIRCUIT 7
PGNDx
PVINx
18V
CLAMP
CIRCUIT 8
GNDD
PIN #
18V
CLAMP
CIRCUIT 6
CIRCUIT 9
PGND
GNDD
GNDD
GNDA
GNDA
VDDD
18V
CLAMP
CIRCUIT 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com