Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70003ASEH Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL70003ASEH
Description  Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL70003ASEH Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL70003ASEH Datasheet HTML 1Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 2Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 3Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 4Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 5Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 6Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 7Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 8Page - Renesas Technology Corp ISL70003ASEH Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
FN8746 Rev.4.01
Page 1 of 36
Dec 12, 2019
FN8746
Rev.4.01
Dec 12, 2019
ISL70003ASEH
Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
DATASHEET
The ISL70003ASEH is an improved version of the
ISL70003SEH regulator with both tighter load regulation
(<0.3% typical) and a higher output current rating of 9A.
Operating over an input voltage range of 3.0V to 13.2V with
integrated low rDS(ON) MOSFETs makes this monolithic
solution highly efficient. Also, a tightly regulated output
voltage is possible, which is externally adjustable from 0.6V to
~90% of the input voltage. Continuous output load current
capability is 9A for TJ ≤+125°C and 6A for TJ ≤+150°C.
The ISL70003ASEH uses voltage mode control architecture
with feed-forward and switches at a selectable frequency of
500kHz or 300kHz. Loop compensation is externally
adjustable to allow for an optimum balance between stability
and output dynamic performance.
The device features two logic-level disable inputs that can be
used to inhibit pulses on the phase (LXx) pins to maximize
efficiency based on the load current. The ISL70003ASEH also
supports DDR applications and contains a buffer amplifier for
generating the VREF voltage.
High integration, best-in-class radiation performance and a
feature-filled design make the ISL70003ASEH an ideal choice
to power many of today’s small form-factor applications.
Applications
• FPGA, CPLD, DSP, CPU core, and I/O supply voltages
• DDR memory supply voltages
• Low-voltage, high-density distributed power systems
Related Literature
For a full list of related documents, visit our website:
• ISL70003ASEH device page
Features
• Acceptance tested to 50krad(Si) (LDR) wafer-by-wafer
• ±1% reference voltage over line, temperature, and radiation
• Integrated MOSFETs 31mΩPFET/21mΩ NFET
- 95% peak efficiency
• Externally adjustable loop compensation
• Supports DDR applications (VTT tracks VDDQ/2)
- Buffer amplifier for generating VREF voltage
- 3A current sinking capability
• Grounded lid eliminates charge build up
• IMON pin for output current monitoring
• Adjustable analog soft-start
• Diode emulation for increased efficiency at light loads
• 500kHz or 300kHz operating frequency
• Monotonic start-up into prebiased load
• Full military temperature range operation
-TA = -55°C to +125°C
-TJ = -55°C to +150°C
• Radiation Acceptance (See TID Report)
- High dose rate (50-300rad(Si)/s). . . . . . . . . . . 100krad(Si)
- Low dose rate (0.01rad(Si)/s) . . . . . . . . . . . . . . 50krad(Si)
• SEE hardness (See SEE report)
- SEB and SEL LETTH . . . . . . . . . . . . . . . . 86.4MeV•cm2/mg
- SET at LET 86.4MeV•cm2/mg . . . . . . . . . . . .<±3% ΔVOUT
-SEFI LETTH . . . . . . . . . . . . . . . . . . . . . . . . . 60MeV•cm2/mg
• Electrically screened to DLA SMD 5962-14203
FIGURE 1. POWER DISTRIBUTION SOLUTION FOR RAD HARD LOW
POWER FPGAs
FIGURE 2. TYPICAL LOAD REGULATION, VIN = 12V, VOUT = 3.3V,
fSW = 500kHz
ISL70003ASEH
ISL70003ASEH
ISL75051ASEH
ISL75051ASEH
12V INTERMEDIATE BUS
1.5V CORE
1.8V AUX
3.3V I/O
5V BUS
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
01
23456
789
LOAD CURRENT (A)
-55°C
+125°C
+25°C
+85°C


Similar Part No. - ISL70003ASEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70003ASEH INTERSIL-ISL70003ASEH Datasheet
2Mb / 36P
Radiation and SEE Tolerant 3V to 13.2V, 9A Buck Regulator
August 5, 2015
logo
Renesas Technology Corp
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
1Mb / 32P
Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
ISL70003ASEH RENESAS-ISL70003ASEH Datasheet
4Mb / 49P
Radiation and SEE Hardened 3V to 13.2V, 9A Buck Regulator
Sep 13, 2024
logo
Intersil Corporation
ISL70003ASEHEV1Z INTERSIL-ISL70003ASEHEV1Z Datasheet
2Mb / 36P
Radiation and SEE Tolerant 3V to 13.2V, 9A Buck Regulator
August 5, 2015
ISL70003ASEHEV2Z INTERSIL-ISL70003ASEHEV2Z Datasheet
2Mb / 36P
Radiation and SEE Tolerant 3V to 13.2V, 9A Buck Regulator
August 5, 2015
More results

Similar Description - ISL70003ASEH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL70001SRH INTERSIL-ISL70001SRH Datasheet
289Kb / 16P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator with Integrated MOSFETs
December 15, 2009
ISL74422ARH INTERSIL-ISL74422ARH Datasheet
132Kb / 3P
Radiation Hardened 9A, Non-Inverting Power Radiation Hardened 9A, Non-Inverting Power
April 1, 2010
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 16, 2011
ISL70001SRH INTERSIL-ISL70001SRH_11 Datasheet
598Kb / 16P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
May 23, 2011
ISL70003ASEH INTERSIL-ISL70003ASEH Datasheet
2Mb / 36P
Radiation and SEE Tolerant 3V to 13.2V, 9A Buck Regulator
August 5, 2015
ISL70003SEH INTERSIL-ISL70003SEH Datasheet
1Mb / 32P
Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
May 12, 2016
logo
Renesas Technology Corp
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
ISL70001ASEH RENESAS-ISL70001ASEH Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 6A Synchronous Buck Regulator
Sep 16, 2022
ISL70002SEH RENESAS-ISL70002SEH Datasheet
1Mb / 28P
Radiation Hardened and SEE Hardened 22A Synchronous Buck Regulators with Current Sharing
Mar 31, 2022
ISL70003SEH RENESAS-ISL70003SEH Datasheet
1Mb / 32P
Radiation Hardened and SEE Hardened 3V to 13.2V, 6A Buck Regulator
December 8, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com