Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B3265X Datasheet(PDF) 8 Page - EPCOS

Part # B3265X
Description  Metallized Polypropylene Film Capacitors (MKP)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3265X Datasheet(HTML) 8 Page - EPCOS

Back Button B3265X Datasheet HTML 4Page - EPCOS B3265X Datasheet HTML 5Page - EPCOS B3265X Datasheet HTML 6Page - EPCOS B3265X Datasheet HTML 7Page - EPCOS B3265X Datasheet HTML 8Page - EPCOS B3265X Datasheet HTML 9Page - EPCOS B3265X Datasheet HTML 10Page - EPCOS B3265X Datasheet HTML 11Page - EPCOS B3265X Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Ordering codes and packing units (lead spacing 15 mm)
VR
VDC
Vrms
f
≤1 kHz
VAC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./unit
Reel
pcs./unit
Untaped
pcs./unit
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
K =
±10%
J =
±5%
on request =
±3.5%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
1600 500
3.3
5.0
× 10.5 × 18.0 B32652A1332+***
1170
1300
1000
4.7
6.0
× 11.0 × 18.0 B32652A1472+***
960
1100
1000
6.8
7.0
× 12.5 × 18.0 B32652A1682+***
830
900
1000
10
8.5
× 14.5 × 18.0 B32652A1103+***
680
700
500
15
9.0
× 17.5 × 18.0 B32652A1153+***
640
700
500
1600 700
2.2
5.0
× 10.5 × 18.0 B32652J1222+***
1170
1300
1000
3.3
6.0
× 11.0 × 18.0 B32652J1332+***
960
1100
1000
4.7
7.0
× 12.5 × 18.0 B32652J1472+***
830
900
1000
6.8
8.5
× 14.5 × 18.0 B32652J1682+***
680
700
500
10
9.0
× 17.5 × 18.0 B32652J1103+***
640
700
500
2000 700
1.0
5.0
× 10.5 × 18.0 B32652A2102+***
1170
1300
1000
1.5
6.0
× 11.0 × 18.0 B32652A2152+***
960
1100
1000
2.2
7.0
× 12.5 × 18.0 B32652A2222+***
830
900
1000
3.3
8.5
× 14.5 × 18.0 B32652A2332+***
680
700
500
4.7
9.0
× 17.5 × 18.0 B32652A2472+***
640
700
500
B32652
High pulse (wound)
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com