Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B3265X Datasheet(PDF) 4 Page - EPCOS

Part # B3265X
Description  Metallized Polypropylene Film Capacitors (MKP)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3265X Datasheet(HTML) 4 Page - EPCOS

  B3265X Datasheet HTML 1Page - EPCOS B3265X Datasheet HTML 2Page - EPCOS B3265X Datasheet HTML 3Page - EPCOS B3265X Datasheet HTML 4Page - EPCOS B3265X Datasheet HTML 5Page - EPCOS B3265X Datasheet HTML 6Page - EPCOS B3265X Datasheet HTML 7Page - EPCOS B3265X Datasheet HTML 8Page - EPCOS B3265X Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Overview of available types
Lead spacing 22.5 mm
27.5 mm
Type
B32653
B32654
Page
9
11
VR (VDC)
250 400 630 1000 1250 1600 2000 2000 250 400 630 1000 1250 1600 2000
Vrms (VAC)
160 200 250 250 500 500 700 1000 160 200 250 250 500 500 700
CR (nF)
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
1000
1500
2200
3300
4700
B32651 ... B32656
High pulse (wound)
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com