Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B3265X Datasheet(PDF) 9 Page - EPCOS

Part # B3265X
Description  Metallized Polypropylene Film Capacitors (MKP)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3265X Datasheet(HTML) 9 Page - EPCOS

Back Button B3265X Datasheet HTML 5Page - EPCOS B3265X Datasheet HTML 6Page - EPCOS B3265X Datasheet HTML 7Page - EPCOS B3265X Datasheet HTML 8Page - EPCOS B3265X Datasheet HTML 9Page - EPCOS B3265X Datasheet HTML 10Page - EPCOS B3265X Datasheet HTML 11Page - EPCOS B3265X Datasheet HTML 12Page - EPCOS B3265X Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Ordering codes and packing units (lead spacing 22.5 mm)
VR
VDC
Vrms
f
≤1 kHz
VAC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./unit
Reel
pcs./unit
Untaped
pcs./unit
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
K =
±10%
J =
±5%
on request =
±3.5%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
250
160
220
6.0
× 15.0 × 26.5 B32653A3224+***
680
700
720
330
6.0
× 15.0 × 26.5 B32653A3334+***
680
700
720
470
7.0
× 16.0 × 26.5 B32653A3474+***
580
600
630
680
8.5
× 16.5 × 26.5 B32653A3684+***
480
500
510
1000
10.5
× 16.5 × 26.5 B32653A3105+***
390
400
540
400
200
150
6.0
× 15.0 × 26.5 B32653A4154+***
680
700
720
220
6.0
× 15.0 × 26.5 B32653A4224+***
680
700
720
330
7.0
× 16.0 × 26.5 B32653A4334+***
580
600
630
470
8.5
× 16.5 × 26.5 B32653A4474+***
480
500
510
680
10.5
× 16.5 × 26.5 B32653A4684+***
390
400
540
1000
11.0
× 20.5 × 26.5 B32653A4105+***
370
350
510
630
250
100
6.0
× 15.0 × 26.5 B32653A6104+***
680
700
720
150
6.0
× 15.0 × 26.5 B32653A6154+***
680
700
720
220
8.5
× 16.5 × 26.5 B32653A6224+***
480
500
510
330
10.5
× 16.5 × 26.5 B32653A6334+***
390
400
540
470
11.0
× 20.5 × 26.5 B32653A6474+***
370
350
510
1000
250
33
6.0
× 15.0 × 26.5 B32653A0333+***
680
700
720
47
6.0
× 15.0 × 26.5 B32653A0473+***
680
700
720
68
6.0
× 15.0 × 26.5 B32653A0683+***
680
700
720
100
8.5
× 16.5 × 26.5 B32653A0104+***
480
500
510
150
10.5
× 16.5 × 26.5 B32653A0154+***
390
400
540
220
11.0
× 20.5 × 26.5 B32653A0224+***
370
350
510
1250
500
22
6.0
× 15.0 × 26.5 B32653A7223+***
680
700
720
33
6.0
× 15.0 × 26.5 B32653A7333+***
680
700
720
47
8.5
× 16.5 × 26.5 B32653A7473+***
480
500
510
68
10.5
× 16.5 × 26.5 B32653A7683+***
390
400
540
100
11.0
× 20.5 × 26.5 B32653A7104+***
370
350
510
B32653
High pulse (wound)
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com