Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B3265X Datasheet(PDF) 2 Page - EPCOS

Part # B3265X
Description  Metallized Polypropylene Film Capacitors (MKP)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3265X Datasheet(HTML) 2 Page - EPCOS

  B3265X Datasheet HTML 1Page - EPCOS B3265X Datasheet HTML 2Page - EPCOS B3265X Datasheet HTML 3Page - EPCOS B3265X Datasheet HTML 4Page - EPCOS B3265X Datasheet HTML 5Page - EPCOS B3265X Datasheet HTML 6Page - EPCOS B3265X Datasheet HTML 7Page - EPCOS B3265X Datasheet HTML 8Page - EPCOS B3265X Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Typical applications
TV (S-correction/flyback)
Electronic ballasts
Climatic
Max. operating temperature: 105
°C
Climatic category (IEC 60068-1): 55/100/56
Construction
Dielectric: polypropylene (PP)
Wound capacitor technology with internal
series connection for VR
≥1250 VDC
Plastic case (UL 94 V-0)
Epoxy resin sealing
Features
High pulse strength
High contact reliability
Small dimensions
Terminals
Parallel wire leads, lead-free tinned
Special lead lengths available on request
Marking
Manufacturer's logo,
lot number (
≤27.5 mm), series number
(e.g. 651),
rated capacitance (coded), cap. tolerance (code letter),
rated DC voltage
(AC voltage for 1600 VDC/700 VAC and
2000 VDC/1000 VAC),
date of manufacture (coded)
Delivery mode
Bulk (untaped)
Taped (Ammo pack or reel)
For notes on taping, refer to chapter "Taping and packing“.
Dimensional drawing
Dimensions in mm
Lead spacing
±0.4
Lead diameter
d1
Type
10
0.6
B32651
15
0.8
B32652
22.5
0.8
B32653
27.5
0.8
B32654
37.5
1.0
B32656
Metallized polypropylene film capacitors (MKP)
B32651 ... B32656
High pulse (wound)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com