Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B3265X Datasheet(PDF) 28 Page - EPCOS

Part # B3265X
Description  Metallized Polypropylene Film Capacitors (MKP)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B3265X Datasheet(HTML) 28 Page - EPCOS

Back Button B3265X Datasheet HTML 20Page - EPCOS B3265X Datasheet HTML 21Page - EPCOS B3265X Datasheet HTML 22Page - EPCOS B3265X Datasheet HTML 23Page - EPCOS B3265X Datasheet HTML 24Page - EPCOS B3265X Datasheet HTML 25Page - EPCOS B3265X Datasheet HTML 26Page - EPCOS B3265X Datasheet HTML 27Page - EPCOS B3265X Datasheet HTML 28Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
S-correction application
Permissible current Ipp versus rated capacitance CR
Frequency = 15.75 kHz
Frequency = 31.75 kHz
Frequency = 95 kHz
B32651 ... B32656
High pulse (wound)
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com