Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC603EEC/D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MPC603EEC/D
Description  PowerPC 603e™ RISC Microprocessor Family: PID6-603e Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC603EEC/D Datasheet(HTML) 5 Page - NXP Semiconductors

  MPC603EEC/D Datasheet HTML 1Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 2Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 3Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 4Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 5Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 6Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 7Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 8Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
PID6-603e Hardware Specifications, Rev 2
5
Table 2 provides the recommended operating conditions for the 603e.
Table 3 provides the packages thermal characteristics for the 603e.
Table 4 provides the DC electrical characteristics for the 603e.
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Value
Unit
Notes
Core supply voltage
Vdd
3.3 ± 165mv
V
PLL supply voltage
AVdd
3.3 ± 165mv
V
I/O supply voltage
OVdd
3.3 ± 165mv
V
Input voltage
Vin
-0.3 to 5.5
V
Die-junction temperature
Tj
0 to 105
°C
2
Notes:
1. These are the recommended and tested operating conditions. Proper device operation outside of these
conditions is not guaranteed.
2. The extended temperature parts have die-junction temperature of -40 to 105 °C.
Table 3. Package Thermal Characteristics
Characteristic
Symbol
Value
Rating
Wire-bond CQFP package die junction-to-case thermal resistance
(typical)
θ
JC
2.2
°C/W
Wire-bond CQFP package die junction-to-lead thermal resistance
(typical)
θ
JB
18.0
°C/W
CBGA package die junction-to-case thermal resistance (typical)
θ
JC
0.08
°C/W
CBGA package die junction-to-ball thermal resistance (typical)
θ
JB
2.8
°C/W
Note: Refer to Section 1.8, “System Design Information,” for more details about thermal management.
Table 4. DC Electrical Specifications
At recommended operating conditions. See Table 2.
Characteristic
Symbol
Min
Max
Unit
Notes
Input high voltage (all inputs except SYSCLK)
VIH
2.0
5.5
V
Input low voltage (all inputs except SYSCLK)
VIL
-0.3
0.8
V
SYSCLK input high voltage
CVIH
2.4
5.5
V
SYSCLK input low voltage
CVIL
-0.3
0.4
V
Input leakage current, Vin = 3.465 V
Vin = 5.5 V
Iin
—10
µA
1
Iin
—
245
µA
1
Hi-Z (off-state) leakage current, Vin = 3.465 V
Vin = 5.5 V
ITSI
—10
µA
1
ITSI
—
245
µA
1
Output high voltage, IOH = –9 mA
VOH
2.4
—
V
1
Output low voltage, IOL = 14 mA
VOL
—
0.4
V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com