Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC603EEC/D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MPC603EEC/D
Description  PowerPC 603e™ RISC Microprocessor Family: PID6-603e Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC603EEC/D Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MPC603EEC/D Datasheet HTML 3Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 4Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 5Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 6Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 7Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 8Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 9Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 10Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
PID6-603e Hardware Specifications, Rev 2
7
1.4.2 AC Electrical Characteristics
This section provides the AC electrical characteristics for the 603e. After fabrication, parts are sorted by
maximum processor core frequency as shown in Section 1.4.2.1, “Clock AC Specifications” and tested for
conformance to the AC specifications for that frequency. These specifications are for 100 and 133.33 MHz
processor core frequencies. The processor core frequency is determined by the bus (SYSCLK) frequency
and the settings of the PLL_CFG[0–3] signals. Parts are sold by maximum processor core frequency; see
Section 1.10, “Ordering Information.”
1.4.2.1 Clock AC Specifications
Table 6 provides the clock AC timing specifications as defined in Figure 1.
Table 6. Clock AC Timing Specifications
At recommended operating conditions. See Table 2.
Num
Characteristic
100 MHz
133.33 MHz
Unit
Notes
Min
Max
Min
Max
Processor frequency
50
100
50
133.33
MHz
1
VCO frequency
100
266.66
100
266.66
MHz
1
SYSCLK (bus) frequency
16.67
66.67
16.67
66.67
MHz
1
SYSCLK cycle time
15.0
60.0
15.0
60.0
ns
2,3
SYSCLK rise and fall time
—
2.0
—
2.0
ns
2
4
SYSCLK duty cycle measured at 1.4 V
40.0
60.0
40.0
60.0
%
3
SYSCLK jitter
—
±150
—
±150
ps
4
Internal PLL relock time
—
100
—
100
µs
3, 5
Notes:
1. Caution: The SYSCLK frequency and PLL_CFG[0–3] settings must be chosen such that the resulting
SYSCLK (bus) frequency, CPU (core) frequency, and PLL (VCO) frequency do not exceed their
respective maximum or minimum operating frequencies. Refer to the PLL_CFG[0–3] signal description in
Section 1.8, “System Design Information,” for valid PLL_CFG[0–3] settings.
2. Rise and fall times for the SYSCLK input are measured from 0.4 V to 2.4 V.
3. Timing is guaranteed by design and characterization, and is not tested.
4. Cycle-to-cycle jitter, and is guaranteed by design.
5. Relock timing is guaranteed by design and characterization, and is not tested. PLL-relock time is the
maximum amount of time required for PLL lock after a stable Vdd and SYSCLK are reached during the
power-on reset sequence. This specification also applies when the PLL has been disabled and
subsequently re-enabled during sleep mode. Also note that HRESET must be held asserted for a
minimum of 255 bus clocks after the PLL-relock time during the power-on reset sequence.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com