Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC603EEC/D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPC603EEC/D
Description  PowerPC 603e™ RISC Microprocessor Family: PID6-603e Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC603EEC/D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPC603EEC/D Datasheet HTML 2Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 3Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 4Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 5Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 6Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 7Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 8Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 9Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
PID6-603e Hardware Specifications, Rev 2
Table 5 provides the power consumption for the 603e.
Capacitance, Vin = 0 V, f = 1 MHz (excludes TS, ABB, DBB,
and ARTRY)
Cin
—
10.0
pF
2
Capacitance, Vin = 0 V, f = 1 MHz (for TS, ABB, DBB, and
ARTRY)
Cin
—
15.0
pF
2
Notes:
1. Excludes test signals (LSSD_MODE, L1_TSTCLK, L2_TSTCLK) and JTAG signals.
2. Capacitance is periodically sampled rather than 100% tested.
Table 5. Power Consumption
At recommended operating conditions. See Table 2.
CPU Clock:
SYSCLK
Processor (CPU) Frequency
Unit
Notes
100 MHz
133.33 MHz
Full-On Mode (DPM Enabled)
Typical
Max.
3.2
4.2
W
1, 3
4.0
5.3
W
1, 2
Doze Mode
Typical
1.0
1.3
W
1, 2
Nap Mode
Typical
70
85
mW
1, 2
Sleep Mode
Typical
40
50
mW
1, 2
Sleep Mode—PLL Disabled
Typical
5
6
mW
1, 2
Sleep Mode—PLL and SYSCLK Disabled
Typical
3
3
mW
1, 2
Notes:
1. These values apply for all valid bus ratios (PLL_CFG[0–3] settings). The
values do not include I/O supply power (OVdd) or PLL supply power
(AVdd). OVdd power is system dependent, but is typically <10% of Vdd
power. Worst-case power consumption for AVdd = 15 mw.
2. Maximum power is measured at Vdd = 3.465 V using a worst-case
instruction mix.
3. Typical power is an average value measured at Vdd = AVdd = OVdd = 3.3
V in a system executing typical applications and benchmark sequences
Table 4. DC Electrical Specifications (Continued)
At recommended operating conditions. See Table 2.
Characteristic
Symbol
Min
Max
Unit
Notes
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com