Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC603EEC/D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MPC603EEC/D
Description  PowerPC 603e™ RISC Microprocessor Family: PID6-603e Hardware Specifications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC603EEC/D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MPC603EEC/D Datasheet HTML 4Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 5Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 6Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 7Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 8Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 9Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 10Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 11Page - NXP Semiconductors MPC603EEC/D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
PID6-603e Hardware Specifications, Rev 2
Figure 1 provides the SYSCLK input timing diagram.
Figure 1. SYSCLK Input Timing Diagram
1.4.2.2 Input AC Specifications
Table 7 provides the input AC timing specifications for the 603e as defined in Figure 2 and Figure 3.
Table 7. Input AC Timing Specifications
At recommended operating conditions. See Table 2.
Num
Characteristic
100 MHz
133.33 MHz
Unit
Notes
Min
Max
Min
Max
10a
Address/data/transfer attribute inputs valid to SYSCLK
(input setup)
3.0
—
3.0
—
ns
2
10b
All other inputs valid to SYSCLK (input setup)
5.0
—
5.0
—
ns
3
10c
Mode select inputs valid to HRESET (input setup) (for
DRTRY, QACK and TLBISYNC)
8*tsysclk
—
8*tsysclk
—
ns
4,5,6,
7
11a
SYSCLK to address/data/transfer attribute inputs
invalid (input hold)
1.0
—
1.0
—
ns
2
11b
SYSCLK to all other inputs invalid (input hold)
1.0
—
1.0
—
ns
3
11c
HRESET to mode select inputs invalid (input hold) (for
DRTRY, QACK, and TLBISYNC)
0
—
0
—
ns
4,6,7
Notes:
1. All input specifications are measured from the TTL level (0.8 or 2.0 V) of the signal in question to the 1.4 V
of the rising edge of the input SYSCLK (see Figure 2). Both input and output timings are measured at the
pin.
2. Address/data/transfer attribute input signals are composed of the following—A[0–31], AP[0–3], TT[0–4],
TC[0–1], TBST, TSIZ[0–2], GBL, DH[0–31], DL[0–31], DP[0–7].
3. All other input signals are composed of the following— TS, ABB, DBB, ARTRY, BG, AACK, DBG, DBWO,
TA, DRTRY, TEA, DBDIS, HRESET, SRESET, INT, SMI, MCP, TBEN, QACK, TLBISYNC.
4. The setup and hold time is with respect to the rising edge of HRESET (see Figure 3).
5. tsysclk is the period of the external clock (SYSCLK) in nanoseconds.
6. These values are guaranteed by design, and are not tested.
7. This specification is for configuration mode select only. Also note that HRESET must be held asserted for a
minimum of 255 bus clocks after the PLL-relock time during the power-on reset sequence.
VM
CVil
CVih
SYSCLK
VM = Midpoint Voltage (1.4 V)
2
3
1
44
VM
VM
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com