Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEA2016AAT/2 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TEA2016AAT/2
Description  Digital controller for high-efficiency resonant power supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA2016AAT/2 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TEA2016AAT/2 Datasheet HTML 9Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 10Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 11Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 12Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 13Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 14Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 15Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 16Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
NXP Semiconductors
TEA2016AAT/2
Digital controller for high-efficiency resonant power supply
8.2.1 Output power regulation loop
Figure 9 shows the output power regulation loop of Vcap control as used by the
TEA2016AAT. Figure 10 shows a corresponding timing diagram.
aaa-034989
LS
q
qn
Vhs(SNSCAP)
Vhs(SNSCAP)
Vls(SNSCAP)
D2
D1
Vls(SNSCAP)
ISNSFB
s
r
IC
Vcap CONTROL
burst
GATEHS
Vboost
trafo model
Vout
GATELS
Cr
Ls
Lm
SNSCAP
SNSFB
2.5 V
Iburst ISNSFB
VSNSCAP
Figure 9. Regulation loop Vcap control
aaa-031214
Iload
ISNSFB
Ireg(SNSFB) (80 µA)
GATELS
GATEHS
t1 t2
Vls(SNSCAP)
VSNSCAP
Vhs(SNSCAP)
t
Figure 10. Timing diagram of the regulation loop
When the divided resonant capacitor voltage (VSNSCAP) exceeds the capacitor voltage
high level (Vhs(SNSCAP)), the high-side MOSFET is switched off (see Figure 10 (t1)). After
a short delay, the low-side MOSFET is switched on. Because of the resonant current, the
resonant capacitor voltage initially increases further but eventually drops.
TEA2016AAT_2
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1 — 15 February 2023
13 / 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com