Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEA2016AAT/2 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TEA2016AAT/2
Description  Digital controller for high-efficiency resonant power supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA2016AAT/2 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TEA2016AAT/2 Datasheet HTML 22Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 23Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 24Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 25Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 26Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 27Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 28Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 29Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 59 page
background image
NXP Semiconductors
TEA2016AAT/2
Digital controller for high-efficiency resonant power supply
Protection
Description
Action
PFC LLC Protection
register
LLC protections
UVP SUPHS
undervoltage
protection SUPHS
pin
GATEHS = off
-
off
-
UVP SNSBOOST undervoltage
protection boost
restart when
VSNSBOOST > Vstart(SNSBOOST)
-
off
-
OVP SUPIC
output overvoltage
protection;
measured via the
SUPIC pin
LLC and PFC are either
latched or safe restart
off
off
Y
CMR
capacitive mode
regulation
system ensures that mode of
operation is inductive
-
-
Y
OCP
overcurrent
protection
switch off cycle-by-cycle;
After several consecutive
cycles, LLC and PFC are
either latched or safe restart
off
off
Y
STARTUP MAX
maximum start-up
time
LLC and PFC are either
latched or safe restart
off
off
Y
OPP
overpower
protection
LLC and PFC are either
latched or safe restart
off
off
Y
Table 4. Protections overview...continued
[1]
Selectable via a parameter at the MTP.
When the system is in a latched or safe restart protection, the SUPIC voltage is regulated
to its start level via the DRAINPFC pin.
8.6.1 Undervoltage protection SUPIC
When the voltage on the SUPIC pin is below its undervoltage level Vuvp(SUPIC), both the
PFC and LLC converter stop switching. The capacitors at the SUPIC pin are recharged
via the DRAINPFC pin.
When the SUPIC supply voltage exceeds its start level, the system restarts.
8.6.2 MTP fail
When, at start-up, the SUPIC reaches the start level, the system reads the parameters
from the internal MTP. If reading the MTP failed, the system retries reading the MTP until
it succeeds. During this time, the PFC and LLC remain off. The SUPIC is regulated to the
Vstart(SUPIC) level.
8.6.3 Internal overtemperature protection (OTP)
An accurate internal temperature protection is provided in the circuit. When the junction
temperature exceeds the thermal shutdown temperature, the PFC and the LLC stop
switching.
The response of the internal OTP follows the setting of the external OTP. It can be either
latched or safe restart.
TEA2016AAT_2
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1 — 15 February 2023
26 / 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com