Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEA2016AAT/2 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TEA2016AAT/2
Description  Digital controller for high-efficiency resonant power supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA2016AAT/2 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TEA2016AAT/2 Datasheet HTML 17Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 18Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 19Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 20Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 21Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 22Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 23Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 24Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
NXP Semiconductors
TEA2016AAT/2
Digital controller for high-efficiency resonant power supply
aaa-030886
t3
t2
t1
t4
Tburst
Tburst
lLOAD
VOUT
Istop(SNSFB)
Istart(SNSFB)
ISNSFB
ISEC
Figure 18. Burst mode - transient
At t1, the system starts with a new burst cycle period. Shortly later at t2, the output load
is reduced. As a result the output voltage shows an overshoot and the optocoupler
current increases. To limit the overshoot, the system also ends the burst cycle when the
optocoupler current exceeds the Istop(burst) level.
8.4 Optobias regulation
In a typical application, the output voltage is sensed using a TL431 and connected to
the SNSFB pin of the TEA2016AAT via an optocoupler (see Figure 25). Because of
the behavior of the TL431, the current through the optocoupler is at the maximum level
when the output power is at the minimum level. It is therefore one of the most critical
parameters to achieve the required no-load input power. To achieve maximum efficiency
at low load/no load, the TEA2016AAT continuously regulates the optocurrent to a low
level that is independent of the output load.
Because of the parasitic capacitance at the optocoupler collector, a very low optocurrent
reduces the transient response of the system. So, the TEA2016AAT applies a fixed
voltage at the SNSFB pin. It measures the current through the optocoupler which defines
the required output power. The optocurrent is continuously (slowly) regulated to the
Ireg(SNSFB) level (= 80 μA) via an additional internal circuitry, which adds an offset to the
required output power. This level is independent of the output power.
At a positive load transient, the optocurrent initially decreases (see Figure 10; ISNSFB).
The TEA2016AAT immediately increases the ΔVSNSCAP which again increases the output
power.
TEA2016AAT_2
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1 — 15 February 2023
21 / 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com