Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEA2016AAT/2 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # TEA2016AAT/2
Description  Digital controller for high-efficiency resonant power supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA2016AAT/2 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button TEA2016AAT/2 Datasheet HTML 36Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 37Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 38Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 39Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 40Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 41Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 42Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 43Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
NXP Semiconductors
TEA2016AAT/2
Digital controller for high-efficiency resonant power supply
Valley detection timeout
Normally, a valley is detected within a period after demagnetization. However, when the
PFC control loop detects demagnetization but does not detect a valley within a certain
time, it assumes that the ringing is too small to detect a valley. So, it assumes a valley
after a specified time. For this time, the following values can be selected: 5 μs, 10 μs,
15 μs, or 20 μs.
PFC minimum off-time
To avoid false triggering of the demagnetization and valley detection, a minimum off-time
of the PFC driver output can be selected. The available values are 250 ns, 500 ns, 1 µs,
and 1.5 µs.
PFC maximum switching frequency
To increase the efficiency of the PFC, its switching frequency is limited. For the maximum
switching frequency of the PFC, the following values can be selected: 75 kHz, 125 kHz,
250 kHz, and 500 kHz.
8.8.4.3 LLC general protections
Maximum start-up time
When the system starts switching, it expects that the LLC output voltage reaches its
regulation level within a maximum start-up time. For the maximum start-up time, the
following values can be selected: 25 ms, 50 ms, 100 ms, and 200 ms. When the PFC
starts switching, this timer is started.
LLC brownout level (SNSBOOST)
When the voltage at the SNSBOOST drops below a predefined level, the LLC converter
enters the protection state. When the SNSBOOST voltage exceeds the start level, the
LLC converter starts switching again.
For the LLC brownout level at the SNSBOOST, several levels can be selected ranging
from 1.0 V to 1.7 V.
LLC brownin level (SNSBOOST)
The LLC brownin level defines the minimum voltage at the SNSBOOST pin before the
LLC starts switching. For this level, a value ranging from 2.1 V to 2.4 V can be selected in
steps of 0.1 V.
LLC brownout timer (SNSMAINS)
When the mains is disconnected, the PFC stops switching after its brownout delay.
Normally, the LLC converter continues switching until the input voltage of the LLC drops
to below a minimum level. Especially at a minimum load at the output, the LLC dropping
to the minimum level can take a long time.
A timer can be initialized that also disables the LLC converter when a brownout is
detected at the mains input. For this time, a value can be selected ranging from 125 ms
to 6 s. The option that the LLC converter remains switching until its input voltage drops to
below a minimum level can also be selected.
TEA2016AAT_2
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1 — 15 February 2023
40 / 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com