Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TEA2016AAT/2 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # TEA2016AAT/2
Description  Digital controller for high-efficiency resonant power supply
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA2016AAT/2 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button TEA2016AAT/2 Datasheet HTML 35Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 36Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 37Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 38Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 39Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 40Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 41Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 42Page - NXP Semiconductors TEA2016AAT/2 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 59 page
background image
NXP Semiconductors
TEA2016AAT/2
Digital controller for high-efficiency resonant power supply
External OTP level
The external application temperature is measured via an NTC connected to the
SNSMAINS pin. To be able to set the appropriate NTC value and OTP level, the internal
current used to measure the external NTC value can be set between 150 µA and
1050 µA in steps of 150 µA.
To avoid false triggering of the external OTP, a delay can be set at different values
ranging from 0.5 s to 8 s. As the NTC measurement follows the mains cycles, the OTP
delay varies with the mains frequency.
Internal OTP level
The internal OTP is fixed at 135 °C. When the internal OTP is triggered, it follows the
same response as selected for the external OTP, being either latched, safe restart, or
latched after safe restart.
8.8.4.2 PFC general protections
Brownin/brownout level
For the brownin level, several values can be selected ranging from 70 V (AC) to 190 V
(AC). For the hysteresis between the brownin and brownout level, several values can be
selected from 2 V (AC) to 17 V (AC).
When the mains voltage is below the brownout period for a selectable amount of time,
the system enters the brownout state. For this time, several values can be selected
ranging from 25 ms to 1.2 s.
PFC OCP level
The PFC OCP level is fixed to Vocp(PFC). The external sense resistor can select the
corresponding current value.
To avoid false triggering of the OCP function when turning on the PFC MOSFET, a short
blanking time occurs after the PFC MOSFET is turned on and the internal OCP function
is activated. For this blanking time, the following values can be selected: 200 ns, 300 ns,
400 ns, and 500 ns.
PFC maximum on-time
When the on-time of the PFC MOSFET exceeds the maximum on-time, the PFC
MOSFET is turned off and turned on again at the next cycle. For the maximum on-time,
the following values can be selected: 37.5 μs, 50 μs, 75 μs, and 100 μs.
PFC output OVP
The PFC output voltage is measured via the SNSBOOST pin and the DRAINPFC pin.
For the OVP at the SNSBOOST pin, the following values can be selected: 2.60 V, 2.63 V,
2.65 V, or 2.70 V.
When an OVP is detected at the SNSBOOST pin, the PFC stops switching and continues
again when its voltage drops below the regulation level.
For the OVP at the DRAINPFC pin, the following values can be selected: 475 V, 500 V,
525 V, or 550 V. To avoid false triggering, a delay can be selected between 2 ms, 5 ms,
and 20 ms. During this delay, the output voltage of the PFC is limited to this maximum
value.
The response of an OVP at the DRAINPFC pin can be latched, safe restart, or latched
after safe restart. This function can also be disabled.
TEA2016AAT_2
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1 — 15 February 2023
39 / 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com