Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IDT82P2821 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # IDT82P2821
Description  21(1) Channel High-Density T1/E1/J1 Line Interface Unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT82P2821 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button IDT82P2821 Datasheet HTML 60Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 61Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 62Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 63Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 64Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 65Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 66Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 67Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 152 page
background image
IDT82P2821
21(+1) CHANNEL HIGH-DENSITY T1/E1/J1 LINE INTERFACE UNIT
Functional Description
64
February 6, 2009
Figure-41 REFB Output Options in Normal Operation
Figure-42 REFA Output in LLOS Condition (When RCLKn Is Selected)
Recovered clock of one
of the 22 channels
JA_BYPAS = 1 ?
No
Clock is derived from the
output of RJA
Clock is derived from the output
of Rx Clock & Data Recovery
Yes
CLKB input
selected by REFB[4:0]
Output on REFB
In LLOS condition.
FS_BYPAS = 1 ?
No
Pass through a
Frequency Synthesizer.
FREE = 1 ?
Output on REFA is free
running (locked to MCLK).
The frequency is
programmed in FREQ[2:0] *.
Output high level.
No
Yes
Yes
REFH = 1 ?
Yes
No
Output on REFA is free
running (locked to MCLK).
The frequency is 1.544 MHz
in T1 mode or 2.048 MHz in
E1 mode.
REFH = 1 ?
Yes
No
Note *: '000' and '011' are reserved for FREQ[2:0] when REFA is free running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com