Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IDT82P2821 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # IDT82P2821
Description  21(1) Channel High-Density T1/E1/J1 Line Interface Unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT82P2821 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button IDT82P2821 Datasheet HTML 85Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 86Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 87Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 88Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 89Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 90Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 91Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 92Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 152 page
background image
IDT82P2821
21(+1) CHANNEL HIGH-DENSITY T1/E1/J1 LINE INTERFACE UNIT
Programming Information
89
February 6, 2009
TCF0 - Transmit Configuration Register 0
Address: 004H, 044H, 084H, 0C4H, 104H, 144H, 184H, 1C4H, (CH1~CH8)
204H, 244H, 284H, 2C4H, 304H, 344H, 384H, 3C4H, (CH9~CH16)
404H, 444H, 484H, 4C4H, 504H, (CH17~CH21)
7C4H (CH0)
Type: Read / Write
Default Value: 00H
Bit
Name
Description
7-
Reserved.
6
OE
This bit determines the output of the Line Driver, i.e., the output on the TTIPn and TRINGn pins.
0: High-Z. (default)
1: Normal operation.
5
T_OFF
This bit determines whether the transmitter is powered down.
0: Normal operation. (default)
1: Power down.
4
THZ_OC
This bit determines the output of the Line Driver, i.e., the output on the TTIPn and TRINGn pins when TOC is detected.
0: The output current is limited to 100 mAp-p. (default)
1: The output current is limited to 100 mAp-p within the first 1 ms after the TOC is detected and then the output is in High-Z state
when the TOC is detected for more than 1 ms.
3
T_SING
This bit determines the transmit line interface.
0: Transmit Differential line interface. Both TTIPn and TRINGn are used to transmit signal to the line side. (default)
1: Transmit Single Ended line interface. Only TTIPn is used to transmit signal. TRINGn should be left open.
2 - 0
T_TERM[2:0] These bits select the impedance matching mode of the transmit path to match the cable impedance.
000: The 100
Ω internal impedance matching is selected for T1 100 Ω twisted pair cable (with transformer). (default)
001: The 110
Ω internal impedance matching is selected for J1 110 Ω twisted pair cable (with transformer).
010: The 120
Ω internal impedance matching is selected for E1 120 Ω twisted pair cable (with transformer).
011: The 75
Ω internal impedance matching is selected for E1 75 Ω coaxial cable (with transformer).
100: The 100
Ω internal impedance matching is selected for T1 100 Ω twisted pair cable (transformer-less).
101: The 110
Ω internal impedance matching is selected for J1 110 Ω twisted pair cable (transformer-less).
110: The 120
Ω internal impedance matching is selected for E1 120 Ω twisted pair cable (transformer-less).
111: The external impedance matching is selected for E1 120
Ω twisted pair cable or E1 75 Ω coaxial cable (with transformer).
7654321
0
-
OE
T_OFF
THZ_OC
T_SING
T_TERM2
T_TERM1
T_TERM0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com