Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IDT82P2821 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # IDT82P2821
Description  21(1) Channel High-Density T1/E1/J1 Line Interface Unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT82P2821 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button IDT82P2821 Datasheet HTML 81Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 82Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 83Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 84Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 85Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 86Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 87Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 88Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 152 page
background image
IDT82P2821
21(+1) CHANNEL HIGH-DENSITY T1/E1/J1 LINE INTERFACE UNIT
Programming Information
85
February 6, 2009
INTCH1 - Interrupt Requisition Source Register 1
INTCH2 - Interrupt Requisition Source Register 2
INTCH3 - Interrupt Requisition Source Register 3
Address: 2C0H
Type: Read / Write
Default Value: 00H
Bit
Name
Description
7 - 0
INT_CH[8:1]
These bits indicate whether there is an interrupt generated in the corresponding channel. The INT_CH[8:1] bits correspond to
channel 8 to 1 respectively.
0: No interrupt is generated or all the interrupts are cleared in the corresponding channel. (default)
1: At least one interrupt is generated in the corresponding channel.
Address: 300H
Type: Read / Write
Default Value: 00H
Bit
Name
Description
7 - 0
INT_CH[16:9] These bits indicate whether there is an interrupt generated in the corresponding channel. The INT_CH[16:9] bits correspond to
channel 16 to 9 respectively.
0: No interrupt is generated or all the interrupts are cleared in the corresponding channel. (default)
1: At least one interrupt is generated in the corresponding channel.
Address: 340H
Type: Read / Write
Default Value: 00H
Bit
Name
Description
7 - 5
-
Reserved.
4 - 0
INT_CH[21:17] These bits indicate whether there is an interrupt generated in the corresponding channel. The INT_CH[21:17] bits correspond to
channel 21 to 17 respectively.
0: No interrupt is generated or all the interrupts are cleared in the corresponding channel. (default)
1: At least one interrupt is generated in the corresponding channel.
7654
321
0
INT_CH8
INT_CH7
INT_CH6
INT_CH5
INT_CH4
INT_CH3
INT_CH2
INT_CH1
765
432
1
0
INT_CH16
INT_CH15
INT_CH14
INT_CH13
INT_CH12
INT_CH11
INT_CH10
INT_CH9
7
654
321
0
-
-
-
INT_CH21
INT_CH20
INT_CH19
INT_CH18
INT_CH17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com