Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IDT82P2821 Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # IDT82P2821
Description  21(1) Channel High-Density T1/E1/J1 Line Interface Unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT82P2821 Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button IDT82P2821 Datasheet HTML 70Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 71Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 72Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 73Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 74Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 75Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 76Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 77Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 152 page
background image
IDT82P2821
21(+1) CHANNEL HIGH-DENSITY T1/E1/J1 LINE INTERFACE UNIT
Programming Information
74
February 6, 2009
5
PROGRAMMING INFORMATION
5.1
REGISTER MAP
5.1.1
GLOBAL REGISTER
Address
(Hex)
Register Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reference
Page
Common Control
000
ID - Device ID Register
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
P 78
040
RST - Global Reset Register
RST7
RST6
RST5
RST4
RST3
RST2
RST1
RST0
P 78
080
GCF - Global Configuration
Register
-
-
-
COPY
INT_PIN1
INT_PIN0
GLB_IM
TMOV_IM
P 79
0C0
MON - G.772 Monitor Configura-
tion Register
-
-
MON5
MON4
MON3
MON2
MON1
MON0
P 80
100
GPIO - General Purpose I/O Pin
Definition Register
-
-
-
-
LEVEL1
LEVEL0
DIR1
DIR0
P 81
Reference Clock Timing Option
1C0
CLKG - CLKT1 & CLKE1 Gener-
ation Control Register
-
-
-
-
CLKE1_EN
CLKE1
CLKT1_EN
CLKT1
P 82
200
REFCF - REFA/B Output Con-
figuration Register
-
JA_BYPAS
REFH
FS_BYPAS
FREE
FREQ2
FREQ1
FREQ0
P 82
240
REFA - REFA Clock Sources
Configuration Register
-
REFA_EN CKA_T1E1
REFA4
REFA3
REFA2
REFA1
REFA0
P 84
280
REFB - REFB Clock Sources
Configuration Register
-
REFB_EN CKB_T1E1
REFB4
REFB3
REFB2
REFB1
REFB0
P 84
Interrupt Indication
2C0
INTCH1 - Interrupt Requisition
Source Register 1
INT_CH8
INT_CH7
INT_CH6
INT_CH5
INT_CH4
INT_CH3
INT_CH2
INT_CH1
P 85
300
INTCH2 - Interrupt Requisition
Source Register 2
INT_CH16 INT_CH15 INT_CH14 INT_CH13 INT_CH12 INT_CH11 INT_CH10
INT_CH9
P 85
340
INTCH3 - Interrupt Requisition
Source Register 3
-
-
-
INT_CH21 INT_CH20 INT_CH19 INT_CH18 INT_CH17
P 85
380
INTCH4 - Interrupt Requisition
Source Register 4
INT_CH0
---
-
-
-
-
P 86
3C0
INTTM - One Second Timer
Interrupt Status Register
-
---
-
-
-
TMOV_IS
P 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com