Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IDT82P2821 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # IDT82P2821
Description  21(1) Channel High-Density T1/E1/J1 Line Interface Unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

IDT82P2821 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button IDT82P2821 Datasheet HTML 17Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 18Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 19Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 20Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 21Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 22Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 23Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 24Page - Renesas Technology Corp IDT82P2821 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 152 page
background image
IDT82P2821
21(+1) CHANNEL HIGH-DENSITY T1/E1/J1 LINE INTERFACE UNIT
Pin Description
21
February 6, 2009
TDn / TDPn
(n=0~21)
Input
AG8, AC1, AF1, AG2, AG5, AJ7,
AJ19, AG20, AG23, AJ25, AJ28,
D27, D24, B22, B19, D18, B16,
A14, C13, A11, C10, C7
TDn: Transmit Data for Channel 0 ~ 21
When the transmit system interface is configured to Single Rail NRZ Format mode, this multi-
plex pin is used as TDn.
TDn accepts Single Rail NRZ data. The data is sampled into the device on the active edge of
TCLKn.
The active level on TDn is selected by the TD_INV bit (b3, TCF1,...).
TDPn: Positive Transmit Data for Channel 0 ~ 21
When the transmit system interface is configured to Dual Rail NRZ Format mode or Dual Rail
RZ Format mode, this multiplex pin is used as TDPn.
In Transmit Dual Rail NRZ Format mode, the pre-encoded NRZ data is input on TDPn and
TDNn and sampled on the active edge of TCLKn.
In Transmit Dual Rail RZ Format mode, the pre-encoded RZ data is input on TDPn and TDNn.
The line code is as follows (when the TD_INV bit (b3, TCF1,...) is ‘0’):
The active level on TDPn and TDNn is selected by the TD_INV bit (b3, TCF1,...).
TDNn / TMFn
(n=0~21)
Input / Output AK9, AC2, AF2, AK3, AK6, AH7,
AH19, AK21, AK24, AH25, AH28,
C27, C24, A22, A19, C18, A16,
D15, B13, D12, B10, B7
TDNn: Negative Transmit Data for Channel 0 ~ 21
When the transmit system interface is configured to Dual Rail NRZ Format mode, this multi-
plex pin is used as TDNn.
(Refer to the description of TDPn for details).
TMFn: Transmit Multiplex Function for Channel 0 ~ 21
When the transmit system interface is configured to Single Rail NRZ Format mode or Dual
Rail RZ Format mode, this multiplex pin is used as TMFn.
TMFn is configured by the TMF_DEF[2:0] bits (b7~5, TCF1,...) and can indicate PRBS/ARB,
SAIS, TOC, TLOS, SEXZ, SBPV, SEXZ+SBPV, SLOS. Refer to Section 3.5.7.2 TMFn Indica-
tion for details.
The output on TMFn is updated on the active edge of TCLKn (if available). The active level of
TMFn is always high.
TCLKn / TDNn
(n=0~21)
Input
AJ9, AC3, AF3, AJ3, AJ6, AG7,
AG19, AJ21, AJ24, AG25, AG28,
B27, B24, D23, D20, B18, D17,
C15, A13, C12, A10, A7
TCLKn: Transmit Clock for Channel 0 ~ 21
When the transmit system interface is configured to Single Rail NRZ Format mode or Dual
Rail NRZ Format mode, this multiplex pin is used as TCLKn.
TCLKn inputs a 1.544 MHz (in T1/J1 mode) or 2.048 MHz (in E1 mode) clock.
The data input on TDn (in Transmit Single Rail NRZ Format mode) or TDPn/TDNn (in Trans-
mit Dual Rail NRZ Format mode) is sampled on the active edge of TCLKn. The data output on
TMFn (in Transmit Single Rail NRZ Format mode) is updated on the active edge of TCLKn.
The active edge is selected by the TCK_ES bit (b4, TCF1,...).
TDNn: Negative Transmit Data for Channel 0 ~ 21
When the transmit system interface is configured to Dual Rail RZ Format mode, this multiplex
pin is used as TDNn.
(Refer to the description of TDPn for details).
Name
I / O
Pin No.
Description
TDPn
TDNn
Output Pulse on TTIPn Output Pulse on TRINGn *
0
0
Space
Space
0
1
Negative Pulse
Positive Pulse
1
0
Positive Pulse
Negative Pulse
1
1
Space
Space
Note:
* For Transmit Single Ended line interface, TRINGn should be open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com