Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H742XG Datasheet(PDF) 77 Page - STMicroelectronics

Part # STM32H742XG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742XG Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM32H742XG Datasheet HTML 73Page - STMicroelectronics STM32H742XG Datasheet HTML 74Page - STMicroelectronics STM32H742XG Datasheet HTML 75Page - STMicroelectronics STM32H742XG Datasheet HTML 76Page - STMicroelectronics STM32H742XG Datasheet HTML 77Page - STMicroelectronics STM32H742XG Datasheet HTML 78Page - STMicroelectronics STM32H742XG Datasheet HTML 79Page - STMicroelectronics STM32H742XG Datasheet HTML 80Page - STMicroelectronics STM32H742XG Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 357 page
background image
DS12110 Rev 10
77/357
STM32H742xI/G STM32H743xI/G
Pin descriptions
101
-
-
-
-
-
-
122
L14
PJ10
I/O
FT
-
TIM1_CH2N, TIM8_CH2,
SPI5_MOSI, LCD_G3,
EVENTOUT
-
-
-
-
-
-
-
123
K14
PJ11
I/O
FT
-
TIM1_CH2, TIM8_CH2N,
SPI5_MISO, LCD_G4,
EVENTOUT
-
-
-
-
-
-
-
124
N8
VDD
S
-
-
-
-
-
-
G6
-
125
U1
VSS
S
-
-
-
-
--
-
-
-
-
-
N17
(2)
NC
-
-
-
-
-
--
-
-
-
-
-
M16
(2)
NC
-
-
-
-
-
--
-
-
-
-
-
M17
(2)
NC
-
-
-
-
-
-
-
-
-
-
-
-
K15
VSS
S
-
-
-
-
-
-
-
-
-
-
-
L16(2)
NC
-
-
-
-
-
-
-
-
-
-
-
-
L17(2)
NC
-
-
-
-
-
--
-
-
-
-
-
K16
(2)
NC
-
-
-
-
-
--
-
-
-
-
-
K17
(2)
NC
-
-
-
-
-
-
-
-
-
-
-
-
L15
VSS
S
-
-
-
-
-
-
-
-
-
-
126
J14
PK0
I/O
FT
-
TIM1_CH1N, TIM8_CH3,
SPI5_SCK, LCD_G5,
EVENTOUT
-
-
-
-
-
-
-
127
J15
PK1
I/O
FT
-
TIM1_CH1, TIM8_CH3N,
SPI5_NSS, LCD_G6,
EVENTOUT
-
-
-
-
-
-
-
128
H17
PK2
I/O
FT
-
TIM1_BKIN, TIM8_BKIN,
TIM8_BKIN_COMP12,
TIM1_BKIN_COMP12,
LCD_G7, EVENTOUT
-
-
-
87
H9
L15
106
129
H16
PG2
I/O
FT_h
-
TIM8_BKIN,
TIM8_BKIN_COMP12,
FMC_A12, EVENTOUT
-
-
-
88
H10
K15
107
130
H15
PG3
I/O
FT_h
-
TIM8_BKIN2,
TIM8_BKIN2_COMP12,
FMC_A13, EVENTOUT
-
-
-
-
-
G7
-
-
-
VSS
S
-
-
-
-
Table 9. Pin/ball definition (continued)
Pin/ball name
Pin name
(function
after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com