Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H742XG Datasheet(PDF) 89 Page - STMicroelectronics

Part # STM32H742XG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742XG Datasheet(HTML) 89 Page - STMicroelectronics

Back Button STM32H742XG Datasheet HTML 85Page - STMicroelectronics STM32H742XG Datasheet HTML 86Page - STMicroelectronics STM32H742XG Datasheet HTML 87Page - STMicroelectronics STM32H742XG Datasheet HTML 88Page - STMicroelectronics STM32H742XG Datasheet HTML 89Page - STMicroelectronics STM32H742XG Datasheet HTML 90Page - STMicroelectronics STM32H742XG Datasheet HTML 91Page - STMicroelectronics STM32H742XG Datasheet HTML 92Page - STMicroelectronics STM32H742XG Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 357 page
background image
PA13
JTMS-
SWDIO
--
-
-
-
-
-
-
-
--
-
-
-
EVENT-
OUT
PA14
JTCK-
SWCLK
--
-
-
-
-
-
-
-
--
-
-
-
EVENT-
OUT
PA15
JTDI
TIM2_CH1/
TIM2_ETR
HRTIM_
FLT1
-CEC
SPI1_NSS/
I2S1_WS
SPI3_NSS/
I2S3_WS
SPI6_NSS
UART4_
RTS/
UART4_
DE
--
UART7_TX
-
-
-
EVENT-
OUT
Table 10. Port A alternate functions (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2/16/
17/LPTIM1/
HRTIM1
SAI1/TIM3/
4/5/12/
HRTIM1
LPUART/
TIM8/
LPTIM2/3/4/
5/HRTIM1/
DFSDM1
I2C1/2/3/4/
USART1/
TIM15/
LPTIM2/
DFSDM1/
CEC
SPI1/2/3/4/
5/6/CEC
SPI2/3/SAI1/
3/I2C4/
UART4/
DFSDM1
SPI2/3/6/
USART1/2/
3/6/UART7/
SDMMC1
SPI6/SAI2/
4/UART4/5/
8/LPUART/
SDMMC1/
SPDIFRX1
SAI4/
FDCAN1/2/
TIM13/14/
QUADSPI/
FMC/
SDMMC2/
LCD/
SPDIFRX1
SAI2/4/
TIM8/
QUADSPI/
SDMMC2/
OTG1_HS/
OTG2_FS/
LCD
I2C4/
UART7/
SWPMI1/
TIM1/8/
DFSDM1/
SDMMC2/
MDIOS/
ETH
TIM1/8/FMC
/SDMMC1/
MDIOS/
OTG1_FS/
LCD
TIM1/DCMI
/LCD/
COMP
UART5/
LCD
SYS
Table 11. Port B alternate functions
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2/16/
17/LPTIM1/
HRTIM1
SAI1/TIM3/
4/5/12/
HRTIM1
LPUART/
TIM8/
LPTIM2/3/4
/5/HRTIM1/
DFSDM1
I2C1/2/3/4/
USART1/
TIM15/
LPTIM2/
DFSDM1/
CEC
SPI1/2/3/4/5/
6/CEC
SPI2/3/SAI1
/3/I2C4/
UART4/
DFSDM1
SPI2/3/6/
USART1/2/3
/6/UART7/S
DMMC1
SPI6/SAI2/
4/UART4/5/
8/LPUART/
SDMMC1/
SPDIFRX1
SAI4/
FDCAN1/2/
TIM13/14/
QUADSPI/
FMC/
SDMMC2/
LCD/
SPDIFRX1
SAI2/4/
TIM8/
QUADSPI/
SDMMC2/
OTG1_HS/
OTG2_FS/
LCD
I2C4/
UART7/
SWPMI1/
TIM1/8/
DFSDM1/
SDMMC2/
MDIOS/
ETH
TIM1/8/FMC
/SDMMC1/
MDIOS/
OTG1_FS/
LCD
TIM1/
DCMI/LCD
/COMP
UART5/
LCD
SYS
PB0
-
TIM1_CH2N
TIM3_CH3
TIM8_
CH2N
--
DFSDM1_
CKOUT
-
UART4_
CTS
LCD_R3
OTG_HS_
ULPI_D1
ETH_MII_
RXD2
-
-
LCD_G1
EVENT-
OUT
PB1
-
TIM1_CH3N
TIM3_CH4
TIM8_
CH3N
--
DFSDM1_
DATIN1
-
-
LCD_R6
OTG_HS_
ULPI_D2
ETH_MII_
RXD3
-
-
LCD_G0
EVENT-
OUT
PB2
RTC_OUT
-
SAI1_D1
-
DFSDM1_
CKIN1
-
SAI1_SD_A
SPI3_
MOSI/I2S3_
SDO
SAI4_SD_
A
QUADSPI_
CLK
SAI4_D1
-
-
-
-
EVENT-
OUT
PB3
JTDO/TRA
CESWO
TIM2_CH2
HRTIM_
FLT4
--
SPI1_SCK/
I2S1_CK
SPI3_SCK/
I2S3_CK
-
SPI6_SCK
SDMMC2_
D2
CRS_SYNC
UART7_RX
-
-
-
EVENT-
OUT
PB4
NJTRST
TIM16_
BKIN
TIM3_CH1
HRTIM_
EEV6
-
SPI1_MISO/
I2S1_SDI
SPI3_MISO/
I2S3_SDI
SPI2_NSS/I
2S2_WS
SPI6_
MISO
SDMMC2_
D3
-UART7_TX
-
-
-
EVENT-
OUT
PB5
-
TIM17_
BKIN
TIM3_CH2
HRTIM_
EEV7
I2C1_SMBA
SPI1_MOSI/
I2S1_SDO
I2C4_SMBA
SPI3_MOSI/
I2S3_SDO
SPI6_
MOSI
FDCAN2_
RX
OTG_HS_
ULPI_D7
ETH_PPS_
OUT
FMC_
SDCKE1
DCMI_
D10
UART5_
RX
EVENT-
OUT
PB6
-
TIM16_
CH1N
TIM4_CH1
HRTIM_
EEV8
I2C1_SCL
CEC
I2C4_SCL
USART1_
TX
LPUART1_
TX
FDCAN2_
TX
QUADSPI_
BK1_NCS
DFSDM1_
DATIN5
FMC_
SDNE1
DCMI_D5
UART5_
TX
EVENT-
OUT
PB7
-
TIM17_
CH1N
TIM4_CH2
HRTIM_
EEV9
I2C1_SDA
-
I2C4_SDA
USART1_
RX
LPUART1_
RX
--
DFSDM1_
CKIN5
FMC_NL
DCMI_
VSYNC
-
EVENT-
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com