Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H742XG Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32H742XG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742XG Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32H742XG Datasheet HTML 13Page - STMicroelectronics STM32H742XG Datasheet HTML 14Page - STMicroelectronics STM32H742XG Datasheet HTML 15Page - STMicroelectronics STM32H742XG Datasheet HTML 16Page - STMicroelectronics STM32H742XG Datasheet HTML 17Page - STMicroelectronics STM32H742XG Datasheet HTML 18Page - STMicroelectronics STM32H742XG Datasheet HTML 19Page - STMicroelectronics STM32H742XG Datasheet HTML 20Page - STMicroelectronics STM32H742XG Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 357 page
background image
DS12110 Rev 10
17/357
STM32H742xI/G STM32H743xI/G
Description
54
2
Description
STM32H742xI/G and STM32H743xI/G devices are based on the high-performance Arm®
Cortex®-M7 32-bit RISC core operating at up to 480 MHz. The Cortex® -M7 core features a
floating point unit (FPU) which supports Arm® double-precision (IEEE 754 compliant) and
single-precision data-processing instructions and data types. STM32H742xI/G and
STM32H743xI/G devices support a full set of DSP instructions and a memory protection unit
(MPU) to enhance application security.
STM32H742xI/G and STM32H743xI/G devices incorporate high-speed embedded
memories with a dual-bank flash memory of up to 2 Mbytes, up to 1 Mbyte of RAM
(including 192 Kbytes of TCM RAM, up to 864 Kbytes of user SRAM and 4 Kbytes of
backup SRAM), as well as an extensive range of enhanced I/Os and peripherals connected
to APB buses, AHB buses, 2x32-bit multi-AHB bus matrix and a multi layer AXI interconnect
supporting internal and external memory access.
All the devices offer three ADCs, two DACs, two ultra-low power comparators, a low-power
RTC, a high-resolution timer, 12 general-purpose 16-bit timers, two PWM timers for motor
control, five low-power timers, a true random number generator (RNG). The devices support
four digital filters for external sigma-delta modulators (DFSDM). They also feature standard
and advanced communication interfaces.
•
Standard peripherals
–Four I2Cs
–
Four USARTs, four UARTs and one LPUART
–
Six SPIs, three I2Ss in Half-duplex mode. To achieve audio class accuracy, the
I2S peripherals can be clocked by a dedicated internal audio PLL or by an external
clock to allow synchronization.
–
Four SAI serial audio interfaces
–
One SPDIFRX interface
–
One SWPMI (Single Wire Protocol Master Interface)
–
Management Data Input/Output (MDIO) slaves
–
Two SDMMC interfaces
–
A USB OTG full-speed and a USB OTG high-speed interface with full-speed
capability (with the ULPI)
–
One FDCAN plus one TT-FDCAN interface
–
An Ethernet interface
–
Chrom-ART Accelerator
–
HDMI-CEC
•
Advanced peripherals including
–
A flexible memory control (FMC) interface
–
A Quad-SPI flash memory interface
–
A camera interface for CMOS sensors
–
An LCD-TFT display controller (only available on STM32H743xI/G)
–
A JPEG hardware compressor/decompressor (only available on STM32H743xI/G)
Refer to Table 2: STM32H742xI/G and STM32H743xI/G features and peripheral counts for
the list of peripherals available on each part number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com