Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H742XG Datasheet(PDF) 100 Page - STMicroelectronics

Part # STM32H742XG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742XG Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STM32H742XG Datasheet HTML 96Page - STMicroelectronics STM32H742XG Datasheet HTML 97Page - STMicroelectronics STM32H742XG Datasheet HTML 98Page - STMicroelectronics STM32H742XG Datasheet HTML 99Page - STMicroelectronics STM32H742XG Datasheet HTML 100Page - STMicroelectronics STM32H742XG Datasheet HTML 101Page - STMicroelectronics STM32H742XG Datasheet HTML 102Page - STMicroelectronics STM32H742XG Datasheet HTML 103Page - STMicroelectronics STM32H742XG Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 357 page
background image
Table 19. Port J alternate functions
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2/16/
17/LPTIM1/
HRTIM1
SAI1/TIM3/
4/5/12/
HRTIM1
LPUART/
TIM8/
LPTIM2/3/4
/5/HRTIM1/
DFSDM1
I2C1/2/3/4/
USART1/
TIM15/
LPTIM2/
DFSDM1/
CEC
SPI1/2/3/4/
5/6/CEC
SPI2/3/SAI1
/3/I2C4/
UART4/
DFSDM1
SPI2/3/6/
USART1/2/
3/6/UART7/
SDMMC1
SPI6/SAI2/
4/UART4/5/
8/LPUART/
SDMMC1/
SPDIFRX1
SAI4/
TIM13/14/
QUADSPI/
FMC/
SDMMC2/
LCD/
SPDIFRX1
SAI2/4/
TIM8/
QUADSPI/
SDMMC2/
OTG1_HS/
OTG2_FS/
LCD
I2C4/
UART7/
SWPMI1/
TIM1/8/
DFSDM1/
SDMMC2/
MDIOS/
ETH
TIM1/8/FMC
/SDMMC1/
MDIOS/
OTG1_FS/
LCD
TIM1/DCMI
/LCD/
COMP
UART5/
LCD
SYS
PJ0
-
-
-
-
-
-
-
-
-
LCD_R7
-
-
-
-
LCD_R1
EVENT-
OUT
PJ1
---
-
-
-
-
-
-
-
--
-
-
LCD_R2
EVENT-
OUT
PJ2
---
-
-
-
-
-
-
-
--
-
-
LCD_R3
EVENT-
OUT
PJ3
---
-
-
-
-
-
-
-
--
-
-
LCD_R4
EVENT-
OUT
PJ4
---
-
-
-
-
-
-
-
--
-
-
LCD_R5
EVENT-
OUT
PJ5
---
-
-
-
-
-
-
-
--
-
-
LCD_R6
EVENT-
OUT
PJ6
---
TIM8_CH2
-
-
-
-
-
-
--
-
-
LCD_R7
EVENT-
OUT
PJ7
TRGIN
-
-
TIM8_
CH2N
-
-
-
---
-
-
-
-
LCD_G0
EVENT-
OUT
PJ8
-
TIM1_CH3N
-
TIM8_CH1
-
-
-
-
UART8_TX
-
-
-
-
-
LCD_G1
EVENT-
OUT
PJ9
-
TIM1_CH3
-
TIM8_
CH1N
--
-
-
UART8_RX
-
-
-
-
-
LCD_G2
EVENT-
OUT
PJ10
-
TIM1_CH2N
-
TIM8_CH2
-
SPI5_
MOSI
-
---
-
-
-
-
LCD_G3
EVENT-
OUT
PJ11
-
TIM1_CH2
-
TIM8_
CH2N
-
SPI5_
MISO
-
---
-
-
-
-
LCD_G4
EVENT-
OUT
PJ12
TRGOUT
-
-
-
-
-
-
-
-
LCD_G3
-
-
-
-
LCD_B0
EVENT-
OUT
PJ13
---
-
-
-
-
-
-
LCD_B4
--
-
-
LCD_B1
EVENT-
OUT
PJ14
---
-
-
-
-
-
-
-
--
-
-
LCD_B2
EVENT-
OUT
PJ15
---
-
-
-
-
-
-
-
--
-
-
LCD_B3
EVENT-
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com