Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H742XG Datasheet(PDF) 88 Page - STMicroelectronics

Part # STM32H742XG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742XG Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STM32H742XG Datasheet HTML 84Page - STMicroelectronics STM32H742XG Datasheet HTML 85Page - STMicroelectronics STM32H742XG Datasheet HTML 86Page - STMicroelectronics STM32H742XG Datasheet HTML 87Page - STMicroelectronics STM32H742XG Datasheet HTML 88Page - STMicroelectronics STM32H742XG Datasheet HTML 89Page - STMicroelectronics STM32H742XG Datasheet HTML 90Page - STMicroelectronics STM32H742XG Datasheet HTML 91Page - STMicroelectronics STM32H742XG Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 357 page
background image
Table 10. Port A alternate functions
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2/16/
17/LPTIM1/
HRTIM1
SAI1/TIM3/
4/5/12/
HRTIM1
LPUART/
TIM8/
LPTIM2/3/4/
5/HRTIM1/
DFSDM1
I2C1/2/3/4/
USART1/
TIM15/
LPTIM2/
DFSDM1/
CEC
SPI1/2/3/4/
5/6/CEC
SPI2/3/SAI1/
3/I2C4/
UART4/
DFSDM1
SPI2/3/6/
USART1/2/
3/6/UART7/
SDMMC1
SPI6/SAI2/
4/UART4/5/
8/LPUART/
SDMMC1/
SPDIFRX1
SAI4/
FDCAN1/2/
TIM13/14/
QUADSPI/
FMC/
SDMMC2/
LCD/
SPDIFRX1
SAI2/4/
TIM8/
QUADSPI/
SDMMC2/
OTG1_HS/
OTG2_FS/
LCD
I2C4/
UART7/
SWPMI1/
TIM1/8/
DFSDM1/
SDMMC2/
MDIOS/
ETH
TIM1/8/FMC
/SDMMC1/
MDIOS/
OTG1_FS/
LCD
TIM1/DCMI
/LCD/
COMP
UART5/
LCD
SYS
PA0
-
TIM2_CH1/
TIM2_ETR
TIM5_CH1
TIM8_ETR
TIM15_BKIN
-
-
USART2_
CTS/
USART2_
NSS
UART4_TX
SDMMC2_
CMD
SAI2_SD_B
ETH_MII_
CRS
--
-
EVENT-
OUT
PA1
-
TIM2_CH2
TIM5_CH2
LPTIM3_
OUT
TIM15_
CH1N
--
USART2_
RTS/
USART2_
DE
UART4_RX
QUADSPI_
BK1_IO3
SAI2_MCLK
_B
ETH_MII_
RX_CLK/
ETH_RMII_
REF_CLK
-
-
LCD_R2
EVENT-
OUT
PA2
-
TIM2_CH3
TIM5_CH3
LPTIM4_
OUT
TIM15_CH1
-
-
USART2_
TX
SAI2_SCK_
B
--
ETH_MDIO
MDIOS_
MDIO
-
LCD_R1
EVENT-
OUT
PA3
-
TIM2_CH4
TIM5_CH4
LPTIM5_
OUT
TIM15_CH2
-
-
USART2_
RX
-
LCD_B2
OTG_HS_
ULPI_D0
ETH_MII_
COL
-
-
LCD_B5
EVENT-
OUT
PA4
D1
PWREN
-TIM5_ETR
-
-
SPI1_NSS/
I2S1_WS
SPI3_NSS/
I2S3_WS
USART2_
CK
SPI6_NSS
-
-
-
OTG_HS_
SOF
DCMI_
HSYNC
LCD_
VSYNC
EVENT-
OUT
PA5
D2
PWREN
TIM2_CH1/
TIM2_ETR
-
TIM8_
CH1N
-
SPI1_SCK
/I2S1_CK
-
-
SPI6_SCK
-
OTG_HS_
ULPI_CK
-
-
-
LCD_R4
EVENT-
OUT
PA6
-
TIM1_BKIN
TIM3_CH1
TIM8_BKIN
-
SPI1_MISO
/I2S1_SDI
-
-
SPI6_MISO
TIM13_
CH1
TIM8_BKIN
_COMP12
MDIOS_
MDC
TIM1_BKIN
_COMP12
DCMI_PIX
CLK
LCD_G2
EVENT-
OUT
PA7
-
TIM1_CH1N
TIM3_CH2
TIM8_CH1
N
-
SPI1_MOSI
/I2S1_SDO
-
-
SPI6_MOSI
TIM14_
CH1
-
ETH_MII_
RX_DV/
ETH_RMII_
CRS_DV
FMC_SDN
WE
--
EVENT-
OUT
PA8
MCO1
TIM1_CH1
HRTIM_CH
B2
TIM8_BKIN
2
I2C3_SCL
-
-
USART1_
CK
--
OTG_FS_
SOF
UART7_RX
TIM8_BKIN
2_COMP12
LCD_B3
LCD_R6
EVENT-
OUT
PA9
-
TIM1_CH2
HRTIM_CH
C1
LPUART1_
TX
I2C3_SMBA
SPI2_SCK/
I2S2_CK
-
USART1_
TX
-
-
-
-
-
DCMI_D0
LCD_R5
EVENT-
OUT
PA10
-
TIM1_CH3
HRTIM_CH
C2
LPUART1_
RX
--
-
USART1_
RX
--
OTG_FS_ID
MDIOS_
MDIO
LCD_B4
DCMI_D1
LCD_B1
EVENT-
OUT
PA11
-
TIM1_CH4
HRTIM_CH
D1
LPUART1_
CTS
-
SPI2_NSS
/I2S2_WS
UART4_RX
USART1_
CTS/
USART1_
NSS
-
FDCAN1_
RX
OTG_FS_
DM
-
-
-
LCD_R4
EVENT-
OUT
PA12
-
TIM1_ETR
HRTIM_CH
D2
LPUART1_
RTS/
LPUART1_
DE
-
SPI2_SCK/
I2S2_CK
UART4_TX
USART1_
RTS/
USART1_
DE
SAI2_FS_B
FDCAN1_
TX
OTG_FS_
DP
-
-
-
LCD_R5
EVENT-
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com