Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H742XG Datasheet(PDF) 112 Page - STMicroelectronics

Part # STM32H742XG
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742XG Datasheet(HTML) 112 Page - STMicroelectronics

Back Button STM32H742XG Datasheet HTML 108Page - STMicroelectronics STM32H742XG Datasheet HTML 109Page - STMicroelectronics STM32H742XG Datasheet HTML 110Page - STMicroelectronics STM32H742XG Datasheet HTML 111Page - STMicroelectronics STM32H742XG Datasheet HTML 112Page - STMicroelectronics STM32H742XG Datasheet HTML 113Page - STMicroelectronics STM32H742XG Datasheet HTML 114Page - STMicroelectronics STM32H742XG Datasheet HTML 115Page - STMicroelectronics STM32H742XG Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 357 page
background image
Electrical characteristics (rev Y)
STM32H742xI/G STM32H743xI/G
112/357
DS12110 Rev 10
Table 31. Typical and maximum current consumption in Run mode, code with data processing
running from flash memory, cache ON, regulator ON
Symbol
Parameter
Conditions
frcc_c_ck
(MHz)
Typ
Max(1)
unit
TJ =
25°C
TJ =
85°C
TJ =
105°C
TJ =
125°C
IDD
Supply
current in Run
mode
All
peripherals
disabled
VOS1
400
105
160
310
420
750
mA
300
55
----
VOS2
300
50
72
160
230
370
216
38
----
200
36
----
VOS3
200
33
50
130
190
300
180
30
----
168
29
----
144
26
----
60
14
----
25
14
----
All
peripherals
enabled
VOS1
400
160
220
400
500
750
300
130
----
VOS2
300
120
160
300
390
560
200
81
----
VOS3
200
77
110
220
300
460
1. Guaranteed by characterization results unless otherwise specified.
Table 32. Typical and maximum current consumption in Run mode, code with data processing
running from flash memory, cache OFF, regulator ON
Symbol
Parameter
Conditions
frcc_c_ck
(MHz)
Typ
Max(1)
unit
TJ =
25°C
TJ =
85°C
TJ =
105°C
TJ =
125°C
IDD
Supply
current in Run
mode
All
peripherals
disabled
VOS1
400
73
110
220
290
540
mA
VOS2
300
52
75
170
230
370
VOS3
200
34
52
130
190
300
All
peripherals
enabled
VOS1
400
135
190
360
470
730
VOS2
300
100
150
270
370
550
VOS3
200
70
100
210
300
460
1. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com