Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6410E/PTSQTP Datasheet(PDF) 211 Page - Microchip Technology

Part # PIC18F6410E/PTSQTP
Description  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6410E/PTSQTP Datasheet(HTML) 211 Page - Microchip Technology

Back Button PIC18F6410E/PTSQTP Datasheet HTML 207Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 208Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 209Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 210Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 211Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 212Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 213Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 214Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 215Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 404 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39635A-page 209
PIC18F6310/6410/8310/8410
17.0
ENHANCED UNIVERSAL
SYNCHRONOUS
ASYNCHRONOUS RECEIVER
TRANSMITTER (EUSART)
PIC18F6310/6410/8310/8410
devices
have
three
serial I/O modules: the MSSP module, discussed in the
previous chapter and two Universal Synchronous
Asynchronous Receiver Transmitter (USART) mod-
ules. (Generically, the USART is also known as a Serial
Communications Interface or SCI.) The USART can be
configured as a full-duplex asynchronous system that
can communicate with peripheral devices, such as
CRT terminals and personal computers. It can also be
configured as a half-duplex synchronous system that
can communicate with peripheral devices, such as A/D
or D/A integrated circuits, serial EEPROMs, etc.
There are two distinct implementations of the USART
module in these devices: the Enhanced USART
(EUSART), discussed here and the Addressable
USART, discussed in the next chapter. For this device
family, USART1 always refers to the EUSART, while
USART2 is always the AUSART.
The EUSART and AUSART modules implement the
same core features for serial communications; their
basic operation is essentially the same. The EUSART
module provides additional features, including auto-
matic baud rate detection and calibration, automatic
wake-up on Sync Break reception and 12-bit Break
character transmit. These features make it ideally
suited for use in Local Interconnect Network bus (LIN
bus) systems.
The EUSART can be configured in the following
modes:
• Asynchronous (full-duplex) with:
- Auto-wake-up on character reception
- Auto-baud calibration
- 12-bit Break character transmission
• Synchronous – Master (half-duplex) with
selectable clock polarity
• Synchronous – Slave (half-duplex) with selectable
clock polarity
The pins of the Enhanced USART are multiplexed with
PORTC. In order to configure RC6/TX1/CK1 and
RC7/RX1/DT1 as a USART:
• bit SPEN (RCSTA1<7>) must be set (= 1)
• bit TRISC<7> must be set (= 1)
• bit TRISC<6> must be set (= 1)
The operation of the Enhanced USART module is
controlled through three registers:
• Transmit Status and Control Register 1 (TXSTA1)
• Receive Status and Control Register 1 (RCSTA1)
• Baud Rate Control Register 1 (BAUDCON1)
The
registers
are
described
in
Register 17-1,
Register 17-2 and Register 17-3.
Note:
The USART control will automatically
reconfigure the pin from input to output as
needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com