Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6410E/PTSQTP Datasheet(PDF) 60 Page - Microchip Technology

Part # PIC18F6410E/PTSQTP
Description  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6410E/PTSQTP Datasheet(HTML) 60 Page - Microchip Technology

Back Button PIC18F6410E/PTSQTP Datasheet HTML 56Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 57Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 58Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 59Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 60Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 61Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 62Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 63Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 404 page
background image
PIC18F6310/6410/8310/8410
DS39635A-page 58
Preliminary
 2004 Microchip Technology Inc.
INDF2
6X10
8X10
N/A
N/A
N/A
POSTINC2
6X10
8X10
N/A
N/A
N/A
POSTDEC2
6X10
8X10
N/A
N/A
N/A
PREINC2
6X10
8X10
N/A
N/A
N/A
PLUSW2
6X10
8X10
N/A
N/A
N/A
FSR2H
6X10
8X10
---- xxxx
---- uuuu
---- uuuu
FSR2L
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
STATUS
6X10
8X10
---x xxxx
---u uuuu
---u uuuu
TMR0H
6X10
8X10
0000 0000
0000 0000
uuuu uuuu
TMR0L
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
T0CON
6X10
8X10
1111 1111
1111 1111
uuuu uuuu
OSCCON
6X10
8X10
0100 q000
0100 00q0
uuuu uuqu
HLVDCON
6X10
8X10
--00 0101
--00 0101
--uu uuuu
WDTCON
6X10
8X10
---- ---0
---- ---0
---- ---u
RCON(4)
6X10
8X10
0q-1 11q0
0q-q qquu
uq-u qquu
TMR1H
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR1L
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
T1CON
6X10
8X10
0000 0000
u0uu uuuu
uuuu uuuu
TMR2
6X10
8X10
0000 0000
0000 0000
uuuu uuuu
PR2
6X10
8X10
1111 1111
1111 1111
1111 1111
T2CON
6X10
8X10
-000 0000
-000 0000
-uuu uuuu
SSPBUF
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
SSPADD
6X10
8X10
0000 0000
0000 0000
uuuu uuuu
SSPSTAT
6X10
8X10
0000 0000
0000 0000
uuuu uuuu
SSPCON1
6X10
8X10
0000 0000
0000 0000
uuuu uuuu
SSPCON2
6X10
8X10
0000 0000
0000 0000
uuuu uuuu
ADRESH
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADRESL
6X10
8X10
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
6X10
8X10
--00 0000
--00 0000
--uu uuuu
ADCON1
6X10
8X10
--00 0000
--00 0000
--uu uuuu
ADCON2
6X10
8X10
0-00 0000
0-00 0000
u-uu uuuu
TABLE 4-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable
Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 4-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com