Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6410E/PTSQTP Datasheet(PDF) 76 Page - Microchip Technology

Part # PIC18F6410E/PTSQTP
Description  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6410E/PTSQTP Datasheet(HTML) 76 Page - Microchip Technology

Back Button PIC18F6410E/PTSQTP Datasheet HTML 72Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 73Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 74Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 75Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 76Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 77Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 78Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 79Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 404 page
background image
PIC18F6310/6410/8310/8410
DS39635A-page 74
Preliminary
 2004 Microchip Technology Inc.
TMR0H
Timer0 Register High Byte
0000 0000
58, 145
TMR0L
Timer0 Register Low Byte
xxxx xxxx
58, 145
T0CON
TMR0ON
T08BIT
T0CS
T0SE
PSA
T0PS2
T0PS1
T0PS0
1111 1111
58, 143
OSCCON
IDLEN
IRCF2
IRCF1
IRCF0
OSTS
IOFS
SCS1
SCS0
0100 q000
36, 58
HLVDCON
VDIRMAG
—
IRVST
HLVDEN
HLVDL3
HLVDL2
HLVDL1
HLVDL0
0-00 0101
58, 265
WDTCON
—
—
—
—
—
—
—SWDTEN
---- ---0
58, 280
RCON
IPEN
SBOREN(1)
—RI
TO
PD
POR
BOR
0q-1 11q0
50, 58,
115
TMR1H
Timer1 Register High Byte
xxxx xxxx
58, 151
TMR1L
Timer1 Register Low Byte
0000 0000
58, 151
T1CON
RD16
T1RUN
T1CKPS1
T1CKPS0
T1OSCEN
T1SYNC
TMR1CS
TMR1ON
0000 0000
58, 147
TMR2
Timer2 Register
1111 1111
58, 154
PR2
Timer2 Period Register
-000 0000
58, 154
T2CON
—
T2OUTPS3
T2OUTPS2
T2OUTPS1
T2OUTPS0
TMR2ON
T2CKPS1
T2CKPS0
-000 0000
58, 153
SSPBUF
SSP Receive Buffer/Transmit Register
0000 0000
58, 170,
178
SSPADD
SSP Address Register in I2C™ Slave Mode. SSP Baud Rate Reload Register in I2C Master Mode.
0000 0000
58, 178
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
58, 170,
179
SSPCON1
WCOL
SSPOV
SSPEN
CKP
SSPM3
SSPM2
SSPM1
SSPM0
0000 0000
58, 171,
180
SSPCON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000
58, 181
ADRESH
A/D Result Register High Byte
xxxx xxxx
58, 254
ADRESL
A/D Result Register Low Byte
0000 0000
58, 254
ADCON0
—
—
CHS3
CHS2
CHS1
CHS0
GO/DONE
ADON
--00 0000
58, 245
ADCON1
—
—
VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
--00 qqqq
58, 246
ADCON2
ADFM
—
ACQT2
ACQT1
ACQT0
ADCS2
ADCS1
ADCS0
0-00 0000
58, 247
CCPR1H
Capture/Compare/PWM Register 1 High Byte
xxxx xxxx
59, 160
CCPR1L
Capture/Compare/PWM Register 1 Low Byte
xxxx xxxx
59, 160
CCP1CON
—
—
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
--00 0000
59, 159
CCPR2H
Capture/Compare/PWM Register 2 High Byte
xxxx xxxx
59, 160
CCPR2L
Capture/Compare/PWM Register 2 Low Byte
0000 0000
59, 160
CCP2CON
—
—
DC2B1
DC2B0
CCP2M3
CCP2M2
CCP2M1
CCP2M0
--00 0000
59, 159
CCPR3H
Capture/Compare/PWM Register 3 High Byte
xxxx xxxx
59, 160
CCPR3L
Capture/Compare/PWM Register 3 Low Byte
0000 0000
59, 160
CCP3CON
—
—
DC3B1
DC3B0
CCP3M3
CCP3M2
CCP3M1
CCP3M0
--00 0000
59, 159
CVRCON
CVREN
CVROE
CVRR
CVRSS
CVR3
CVR2
CVR1
CVR0
0000 0000
59, 261
CMCON
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0111
59, 255
TMR3H
Timer3 Register High Byte
0000 0000
59, 157
TMR3L
Timer3 Register Low Byte
0000 0000
59, 157
T3CON
RD16
T3CCP2
T3CKPS1
T3CKPS0
T3CCP1
T3SYNC
TMR3CS
TMR3ON
0000 0000
59, 155
PSPCON
IBF
OBF
IBOV
PSPMODE
—
—
—
—
0000 ----
59, 141
TABLE 5-3:
REGISTER FILE SUMMARY (PIC18F6310/6410/8310/8410) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page:
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition. Shaded locations are unimplemented, read as ‘0’.
Note
1:
The SBOREN bit is only available when the BOREN1:BOREN0 configuration bits = 01; otherwise it is disabled and reads as ‘0’. See
Section 4.4 “Brown-out Reset (BOR)”.
2:
These registers and/or bits are not implemented on 64-pin devices, read as ‘0’.
3:
The PLLEN bit is only available in specific oscillator configuration; otherwise, it is disabled and reads as ‘0’. See Section 2.6.4 “PLL in
INTOSC Modes”.
4:
The RG5 bit is only available when Master Clear is disabled (MCLRE configuration bit = 0); otherwise, RG5 reads as ‘0’. This bit is
read-only.
5:
RA6/RA7 and their associated latch and direction bits are individually configured as port pins based on various primary oscillator modes.
When disabled, these bits read as ‘0’.
6:
STKFUL and STKUNF bits are cleared by user software or by a POR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com