Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6410E/PTSQTP Datasheet(PDF) 123 Page - Microchip Technology

Part # PIC18F6410E/PTSQTP
Description  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6410E/PTSQTP Datasheet(HTML) 123 Page - Microchip Technology

Back Button PIC18F6410E/PTSQTP Datasheet HTML 119Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 120Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 121Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 122Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 123Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 124Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 125Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 126Page - Microchip Technology PIC18F6410E/PTSQTP Datasheet HTML 127Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 404 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39635A-page 121
PIC18F6310/6410/8310/8410
TABLE 10-3:
PORTB FUNCTIONS
Pin Name
Function
TRIS
Setting
I/O
I/O
Type
Description
RB0/INT0
RB0
0
O
DIG
LATB<0> data output.
1
I
TTL
PORTB<0> data input; weak pull-up when RBPU bit is cleared.
INT0
1
I
ST
External Interrupt 0 input.
RB1/INT1
RB1
0
O
DIG
LATB<1> data output.
1
I
TTL
PORTB<1> data input; weak pull-up when RBPU bit is cleared.
INT1
1
I
ST
External Interrupt 1 input.
RB2/INT2
RB2
0
O
DIG
LATB<2> data output.
1
I
TTL
PORTB<2> data input; weak pull-up when RBPU bit is cleared.
INT2
1
I
ST
External Interrupt 2 input.
RB3/INT3/
CCP2
RB3
0
O
DIG
LATB<3> data output.
1
I
TTL
PORTB<3> data input; weak pull-up when RBPU bit is cleared.
INT3
1
I
ST
External Interrupt 3 input.
CCP2(1)
0
O
DIG
CCP2 compare output and CCP2 PWM output; takes priority over port
data.
1
I
ST
CCP2 capture input.
RB4/KBI0
RB4
0
O
DIG
LATB<4> data output.
1
I
TTL
PORTB<4> data input; weak pull-up when RBPU bit is cleared.
KBI0
1
I
TTL
Interrupt on pin change.
RB5/KBI1
RB5
0
O
DIG
LATB<5> data output
1
I
TTL
PORTB<5> data input; weak pull-up when RBPU bit is cleared.
KBI1
1
I
TTL
Interrupt on pin change.
RB6/KBI2/PGC
RB6
0
O
DIG
LATB<6> data output
1
I
TTL
PORTB<6> data input; weak pull-up when RBPU bit is cleared.
KBI2
1
I
TTL
Interrupt on pin change.
PGC
x
I
ST
Serial execution (ICSP™) clock input for ICSP and ICD operation(2).
RB7/KBI3/PGD
RB7
0
O
DIG
LATB<7> data output.
1
I
TTL
PORTB<7> data input; weak pull-up when RBPU bit is cleared.
KBI3
1
I
TTL
Interrupt on pin change.
PGD
x
O
DIG
Serial execution data output for ICSP and ICD operation(2).
x
I
ST
Serial execution data input for ICSP and ICD operation(2).
Legend:
PWR = Power Supply, O = Output, I = Input, ANA = Analog Signal, DIG = Digital Output, ST = Schmitt Buffer Input,
TTL = TTL Buffer Input, x = Don’t care (TRIS bit does not affect port direction or is overridden for this option).
Note
1:
Alternate assignment for CCP2 when the CCP2MX configuration bit is cleared (Microprocessor, Extended
Microcontroller and Microcontroller with Boot Block modes, 80-pin devices only). Default assignment is RC1.
2:
All other pin functions are disabled when ICSP or ICD operations are enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com