Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT3602AE Datasheet(PDF) 32 Page - Richtek Technology Corporation

Part # RT3602AE
Description  Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3602AE Datasheet(HTML) 32 Page - Richtek Technology Corporation

Back Button RT3602AE Datasheet HTML 28Page - Richtek Technology Corporation RT3602AE Datasheet HTML 29Page - Richtek Technology Corporation RT3602AE Datasheet HTML 30Page - Richtek Technology Corporation RT3602AE Datasheet HTML 31Page - Richtek Technology Corporation RT3602AE Datasheet HTML 32Page - Richtek Technology Corporation RT3602AE Datasheet HTML 33Page - Richtek Technology Corporation RT3602AE Datasheet HTML 34Page - Richtek Technology Corporation RT3602AE Datasheet HTML 35Page - Richtek Technology Corporation RT3602AE Datasheet HTML 36Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
32
RT3602AE
www.richtek.com
DS3602AE-00 August 2017
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 14. Thermal Compensation method for dual
Phase
The current sense network equation is as follows :
{
2
LX
X1
IMON
ref
IMON1
IMON2
IMON3
NTC
CS
IDCR
V
V
R
[R
//(R
R
)]}
R

Please note that VIMON is equal to 1V for single phase
application and VIMON is equal to 1.4V for dual phase
application under ICCMAX condition.
A resistor network with NTC thermistor compensation
connecting between IMON pin and VREF pin is used to
compensate the positive temperature coefficient of inductor
DC. The design flow is as follows :
Step1: Given the three temperature TL, TR and TH, at which
are compensated.
Step 2 : Three equations can be listed as
2
L
Li
IMON L
CS
i1
DCR(T )
IR
(T ) 0.4
R

2
R
Li
IMON R
CS
i1
DCR(T )
IR
(T ) 0.4
R

2
H
Li
IMON H
CS
i1
DCR(T )
IR
(T ) 0.4
R

Where :
(1) The relationship between DCR and temperature is as
follows :
DCR(T) DCR(25 C) [1 0.00393(T-25)]
  
(2) RIMON(T) is the equivalent resistor of the resistor network
with a NTC thermistor
IMON
IMON1
IMON2
IMON3
NTC
R(T) R
{R
//[R
R
(T)]}

And the relationship between NTC and temperature is as
follows :
11
β()
T 273 298
NTC
NTC
R(T) R(25 C) e
 
β is in the NTC thermistor datasheet.
Step 3 : Three equation and three unknowns, RIMON1, RIMON2
and RIMON3 can be calculated out unique solution.
IMON2
NTCTR
IMON3
IMON1
TR
IMON2
NTCTR
IMON3
R(R
R
)
RK
RR
R



2
IMON2
R3
NTCTL
NTCTR
NTCTL NTCTR
TL
R3
R[K
K
(R
R
) R
R
]α

IMON3
IMON2
R3
RR
K

Where :
TH
TR
TH
NTCTH
NTCTR
KK
α
RR
TL
TR
TL
NTCTL
NTCTR
KK
α
RR
TH
TL
NTCTH
NTCTL
R3
TH
TL
(α
/α )R
R
K
1(α
/α )
TL
L
CCMAX
CS
0.4
K
DCR(T )
I
R
TR
R
CCMAX
CS
0.4
K
DCR(T )
I
R
TH
H
CCMAX
CS
0.4
K
DCR(T )
I
R
ISEN1P
ISEN1N
LX
DCR
CX
VCORE
ILx1
IMON
RIMON1
VREF
ISEN2P
ISEN2N
LX2
DCR
CX
VIMON
RIMON2
RIMON3
RNTC
+
-
RCS
GM
+
-
RCS
GM
RX1
RX2
RX
RX1
RX2
RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com