Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT3602AE Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT3602AE
Description  Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3602AE Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT3602AE Datasheet HTML 11Page - Richtek Technology Corporation RT3602AE Datasheet HTML 12Page - Richtek Technology Corporation RT3602AE Datasheet HTML 13Page - Richtek Technology Corporation RT3602AE Datasheet HTML 14Page - Richtek Technology Corporation RT3602AE Datasheet HTML 15Page - Richtek Technology Corporation RT3602AE Datasheet HTML 16Page - Richtek Technology Corporation RT3602AE Datasheet HTML 17Page - Richtek Technology Corporation RT3602AE Datasheet HTML 18Page - Richtek Technology Corporation RT3602AE Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
15
RT3602AE
DS3602AE-00 August 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
EA Amplifier
DC Gain
ADC
RL = 47k
70
80
--
dB
Gain-Bandwidth Product GBW
CLOAD = 5pF
--
5
--
MHz
Input Offset
VEAOFS
3
--
3
mV
Slew Rate
SREA
CLOAD = 10pF (Gain= 4, RF = 47k,
VOUT =0.5V to -3V)
--
5
--
V/
s
Output Voltage Range
VCOMP
RL = 47k
0.3
--
3.6
V
Max Source/Sink Current IOUTEA
VCOMP = 2V
--
5
--
mA
Current Sensing Amplifier
Input Offset Voltage
VOSCS
0.4
--
0.4
mV
Impedance at Positive
Input
RISENxP
1
--
--
M
Current Mirror Gain
AMIRROR
IIMON/ISENxN
0.97
1
1.03
A/A
Input Range
VISEN_IN
VDAC = 1.1V, ISENP_x ISENN_x
40
--
40
mV
TON Setting
On-Time Setting
tON
VIN = 10V, VDAC = 1V, Freq. = 400k
--
250
--
ns
Minimum Off time
tOFF
VDAC = 1
--
180
300
ns
Protections
Under-Voltage Lockout
Threshold
VUVLO
Falling edge
3.9
4.1
4.2
V
VUVLO
Rising edge hysteresis
100
170
250
mV
Over-Voltage Protection
Threshold
VOV
Respect to VID voltage
VID +
300
VID +
350
VID +
400
mV
Lower limit to 1V
1300
1350
1400
mV
Under-Voltage Protection
Threshold
VUV
Respect to VID voltage
400
350
300
mV
mV
Negative Voltage
Protection Threshold
VNV
100
50
--
mV
VRON and VR_REDAY
VRON Threshold
VIH
Respect to 1V, 70%
0.7
--
--
V
VIL
Respect to 1V, 30%
--
--
0.3
V
Leakage Current of
VRON
1
--
1
A
PGOOD Pull Low
Voltage
VPGOOD
IVR_Ready = 10mA
--
--
0.13
V
Serial VID and VR_HOT
VCLK, VDIO
VIH
Respect to INTEL Spec. with 50mV
hysteresis
0.65
--
--
V
VIL
--
--
0.45
Leakage Current of
VCLK, VDIO, ALERT
and VR_HOT
ILEAK_IN
1
--
1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com