Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT3602AE Datasheet(PDF) 27 Page - Richtek Technology Corporation

Part # RT3602AE
Description  Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3602AE Datasheet(HTML) 27 Page - Richtek Technology Corporation

Back Button RT3602AE Datasheet HTML 23Page - Richtek Technology Corporation RT3602AE Datasheet HTML 24Page - Richtek Technology Corporation RT3602AE Datasheet HTML 25Page - Richtek Technology Corporation RT3602AE Datasheet HTML 26Page - Richtek Technology Corporation RT3602AE Datasheet HTML 27Page - Richtek Technology Corporation RT3602AE Datasheet HTML 28Page - Richtek Technology Corporation RT3602AE Datasheet HTML 29Page - Richtek Technology Corporation RT3602AE Datasheet HTML 30Page - Richtek Technology Corporation RT3602AE Datasheet HTML 31Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
27
RT3602AE
DS3602AE-00 August 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Phase Disable (Before POR)
The number of active phases is determined by the internal
circuitry that monitors the ISENxN voltages during startup.
Normally, the AUXI rail operates as a 2-phase PWM
controller. Pulling ISEN2N to VCC programs a 1-phase
operation. Before POR, VR detects whether the voltage
of ISEN2N is higher than “VCC
− 1V” to decide how many
phases should be active. Phase selection is only active
during POR. When POR = high, the number of active
phases is determined and latched. The unused ISENxP
pins are recommended to be connected to VCC and unused
PWM pins can be left floating.
+
-
+
-
POR
Chip
Enable
4.45V
0.7V
CP
CP
VCC
EN
VTT
1.05V
5V
Figure 8. POR Detection
VCC
POR
EN
SVID Invalid
Invalid
Valid
2ms
Figure 9. Timing Chart for POR Process
Switching Frequency Setting
The RT3602AE is one kind of constant on-time control.
The patented CCRCOT (Constant Current Ripple COT)
technology can generate an adaptive on-time with input
voltage and VID code to obtain a constant current ripple,
so that the output voltage ripple can be controlled nearly
like a constant as different input and output voltages
change.
The Ton equation can be classified as below two regions
DAC
DAC
ON
TON
IN
DAC
DAC
ON
TON
IN
DAC
V0.9
1.2
V
t
15n
k(V
V
)
V0.9
1.08
t
15n
k(V
V
)




.
where kTON is a coefficient which can be selected by
SET[1:3] pins for each VR rail. Table 3 and Table 6 show
the kTONcoefficient and ki gain setting for each VR rail on
the SET[1:3] pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com