Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT3602AE Datasheet(PDF) 17 Page - Richtek Technology Corporation

Part # RT3602AE
Description  Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3602AE Datasheet(HTML) 17 Page - Richtek Technology Corporation

Back Button RT3602AE Datasheet HTML 13Page - Richtek Technology Corporation RT3602AE Datasheet HTML 14Page - Richtek Technology Corporation RT3602AE Datasheet HTML 15Page - Richtek Technology Corporation RT3602AE Datasheet HTML 16Page - Richtek Technology Corporation RT3602AE Datasheet HTML 17Page - Richtek Technology Corporation RT3602AE Datasheet HTML 18Page - Richtek Technology Corporation RT3602AE Datasheet HTML 19Page - Richtek Technology Corporation RT3602AE Datasheet HTML 20Page - Richtek Technology Corporation RT3602AE Datasheet HTML 21Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
17
RT3602AE
DS3602AE-00 August 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
RT3602AE
13 VCC
5V
46 PSYS
EN
37
ISENP_SA
ISENN_SA
40
41
PWM_SA 36
VCC
PWM
BOOT
UGATE
PHASE
LGATE
PGND
RT9610B
VCC
PWM
BOOT
UGATE
PHASE
LGATE
PGND
RT9610B
ISENN_AUXI
ISENP_AUXI
PWM_MAIN 22
29
28
EN
DRVEN
EN
DRVEN
5V
5V
VIN
VIN
LOAD
VSSGT_SENSE
VGT_OUT
VCCGT_SENSE
7
VCC
PWM
BOOT
UGATE
PHASE
LGATE
PGND
RT9610B
ISEN1N_MAIN
ISEN1P_MAIN
10
PWM1_MAIN 16
VCC
PWM
BOOT
UGATE
PHASE
LGATE
PGND
RT9610B
ISEN2N_MAIN
ISEN2P_MAIN
PWM2_MAIN 17
9
8
EN
DRVEN
EN
DRVEN
5V
5V
VIN
VIN
Optional
Optional
LOAD
VCORE_OUT
VSS_SENSE
VCC_SENSE
DRVEN
35
DRVEN
RGND_AUXI
25
FB_AUXI
24
COMP_AUXI
26
Optional
Optional
Optional
VSSGT_SENSE
RGND_MAIN
48
FB_MAIN
3
COMP_MAIN
4
DRVEN_SET
18
Optional
Optional
Optional
VSS_SENSE
VCC_SENSE
TSEN_MAIN
11
RNTC4
6
5
SET3
SET2
VREF
2 SET1
VR_READY
38
31
VCLK
VDIO
34
32
33
VCCIO
To CPU
12 VIN
VIN
VREF06/PSET
IMON_AUXI
IMON_MAIN
30
1
42
RNTC1
VREF
VR_HOT
ALERT
GND
49 (Exposed Pad)
Enable
IMON_SA
39
VCC
TSEN_AUXI
23
RNTC5
RGND_SA
44
FB_SA
45
COMP_SA
43
VSSSA_SENSE
VCCSA_SENSE
VCCGT_SENSE
LOAD
VCCSA_OUT
VSSSA_SENSE
VCCSA_SENSE
RNTC2
RNTC3
VREF
VREF
VSEN_MAIN
47
VCC_SENSE
VSEN_AUXI
27
VCCGT_SENSE
Optional
R2 8.2
C1
4.7µF
R3
R4
R5
200k
131.43k
156.98k
17.8k
R6
7.6k
R7
4.87k
R8
1.2
R9
C2
0.22µF
3.9
R10
C3
0.47µF
R11 33.6k
R12 32.2k
R13
46.4k
100k
ß : 4485
R14 90.9k
R15
8.06k
R16
NC
R17
110
R18
55
R19
75
R20
10k
C4
220pF
C5 68pF
R21 10k R22 36.5k
Optional
Optional
Optional
Optional
C6
150pF
C7 82pF
R23 10k R24 26.7k
Optional
Optional
Optional
C8
390pF
C9 68pF
R25 10k R26 36.5k
C10
1µF
R27
2.2
C11
0.1µF
R28 0
R29 0
10µF x 3
R30
1
C12
3.3nF
R31
280
L1
470nH / 2.26m
C13
0.47µF/
X7R/0603
R32
590
R33
4.7k
4.7k
ß : 3500
R57
100
R58
100
22µF x 10
C14
1µF
R34
2.2
C15
0.1µF
R35 0
R36 0
10µF x 3
220µF / 35V
R37
1
C16
3.3nF
R38
295
L2
220nH / 0.875m
C17
0.47µF/
X7R/0603
R39
220
R40
10k
10k
ß : 3380
R59
100
R60
100
22µF x 30
C18
1µF
R41
2.2
C19
0.1µF
R42 0
R43 0
10µF x 3
R44
1
C20
3.3nF
R45
280
L3
220nH / 0.875m
C21
0.47µF/
X7R/0603
C22
1µF
R46
2.2
C23
0.1µF
R47 0
R48
0
10µF x 3
R49
1
C24
3.3nF
R50
280
L4
220nH / 0.875m
C25
0.47µF/
X7R/0603
R61
100
R62
100
22µF x 30
330µF
R51
5.62M
R52
112k
100k
ß : 4485
R53
9.554k
R54
5.62M
100k
ß : 4485
R55
29.62k
R56
12.527k
330µF
Optional
Optional
Optional
280
295
280
280
R63
R64
R65
R66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com