Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RT3602AE Datasheet(PDF) 43 Page - Richtek Technology Corporation

Part # RT3602AE
Description  Triple Channel PWM Controller for IMVP8 Mobile CPU Core Power Supply
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT3602AE Datasheet(HTML) 43 Page - Richtek Technology Corporation

Back Button RT3602AE Datasheet HTML 38Page - Richtek Technology Corporation RT3602AE Datasheet HTML 39Page - Richtek Technology Corporation RT3602AE Datasheet HTML 40Page - Richtek Technology Corporation RT3602AE Datasheet HTML 41Page - Richtek Technology Corporation RT3602AE Datasheet HTML 42Page - Richtek Technology Corporation RT3602AE Datasheet HTML 43Page - Richtek Technology Corporation RT3602AE Datasheet HTML 44Page - Richtek Technology Corporation RT3602AE Datasheet HTML 45Page - Richtek Technology Corporation RT3602AE Datasheet HTML 46Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
43
RT3602AE
DS3602AE-00 August 2017
www.richtek.com
©
Copyright 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Loop Design :
On time setting: Using the specification, then can get
that tON parameter can be calculated after the on-time
is decided.
DAC
ON
TON
IN
DAC
1.2μ V
t15n
k(V
V
)


Choosing the nearest on-time setting kTON = 1.1
Current sensor adopts lossless RC filter to sense current
signal in DCR. For getting an expected load transient
waveform RXCX time constant needs to match LX/DCRX.
CX = 0.47
μF is set, then
X
X
X
L
R530
1μFDCR

IMON resistor network design : TL = 25
°C, TR = 50°C
and TH = 100oC are decided, NTC thermistor = 100k
Ω
@ 25oC,
β = 4485 and ICCMAX = 31A. RIMON1 =
16.74k
Ω, RIMON2 = 17.35kΩ and RIMON3 = 9.16kΩ can
be decided. The REQ (25
°C) = 31.78kΩ.
Load-line design: 3.1m
Ω droop is requirement, because
DCR and ki are decided to 0.875m
Ω and 2, respectively.
The voltage loop Av gain is also can be determined by
following equation :
i
IMON
CS
I
LL
V2
1
k
DCR R
2R
A
R
AR
R


R
1 = 10kΩ is usually decided and here R2 is chosen to
42.2k
Ω.
Typical compensator design can use the following
equations to design C1 and C2 values
SW
1
C1
45.5pF
R1 π F


OUT
CESR
C2
55pF
R2

For intel platform, in order to induce the band width to
enhance transient performance to meet intel's criterion,
the zero location can be designed close to 1/10 of the
switching frequency or less than the 1/10 of switching
frequency.
Pin Setting Design :
SET1 resistor network design : From above designs,
parameters of kTON_AUXI and ki_AUXI are 1.1 and 20,
respectively. The AUXI_QR_TH is set to disable and
AUXI_QR_Width is designed as 0.7 x TON. And anti-
overshoot function is disabled for AUXI rail. By using
the information, the two equation can be listed by using
multi-function pin setting mechanism :
R2
3.2
175.17mV
R1 R2

R1 R2
80μ
975.9mV
R1 R2

R1 = 222.86k
Ω and R2 = 12.91kΩ.
SET2 resistor network design : From above designs,
parameters of kTON_MAIN and ki_MAIN are 1.1 and 2,
respectively. The MAIN_QR_TH is set to 15mV and
MAIN_QR_Width is designed as 0.7 x TON. And anti-
overshoot function is disabled for MAIN rail. By using
the information, the two equation can be listed by using
multi-function pin setting mechanism :
R2
3.2
575.56mV
R1 R2

R1 R2
80μ
1176.14mV
R1 R2

R1 = 81.74k
Ω and R2 = 17.93kΩ.
SET3 resistor network design: From above designs,
parameter of kTON_SA is 1.1. The DVID thresholds are
60mV, 15mV, and 60mV for MAIN, AUXI, and SA rail.
The force-non-zero VBOOT is setting as Intel VBOOT.
By using the information, the two equation can be listed
by using multi-function pin setting mechanism :
R2
3.2
1326.3mV
R1 R2

R1 R2
80μ
875.86mV
R1 R2

R1 = 26.4k
Ω and R2 = 18.7kΩ.
TSEN_AUXI resistor network design : The ICCMAX of
MAIN rail is designed as 31A. And zero load-line function
for SA rail is disabled. By using the information, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com