Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F640J3F75 Datasheet(PDF) 3 Page - Numonyx B.V

Part # JS28F640J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640J3F75 Datasheet(HTML) 3 Page - Numonyx B.V

  JS28F640J3F75 Datasheet HTML 1Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 2Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 3Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 4Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 5Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 6Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 7Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 8Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 9Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
Datasheet
3
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Contents
1.0
Introduction
..............................................................................................................6
1.1
Nomenclature .....................................................................................................6
1.2
Acronyms...........................................................................................................7
1.3
Conventions .......................................................................................................7
2.0
Functional Overview
..................................................................................................9
2.1
Block Diagram .................................................................................................. 11
2.2
Memory Map..................................................................................................... 12
3.0
Package Information
............................................................................................... 13
3.1
56-Lead TSOP Package for 32-, 64-, 128-Mbit....................................................... 13
3.2
64-Ball Easy BGA Package for 32-, 64-, 128-Mbit .................................................. 14
4.0
Ballouts/Pinouts and Signal Descriptions
................................................................ 16
4.1
Easy BGA Ballout for 32-, 64-, 128-Mbit ............................................................... 16
4.2
56-Lead TSOP Package Pinout for 32-, 64-,128-Mbit .............................................. 17
4.3
Signal Descriptions ............................................................................................ 18
5.0
Maximum Ratings and Operating Conditions
............................................................ 19
5.1
Absolute Maximum Ratings................................................................................. 19
5.2
Operating Conditions ......................................................................................... 19
5.3
Power-Up/Down ................................................................................................ 19
5.3.1
Power-Up/Down Sequence....................................................................... 19
5.3.2
Power Supply Decoupling ........................................................................ 20
5.4
Reset............................................................................................................... 20
6.0
Electrical Characteristics
......................................................................................... 21
6.1
DC Current Specifications ................................................................................... 21
6.2
DC Voltage specifications.................................................................................... 22
6.3
Capacitance...................................................................................................... 22
7.0
AC Characteristics
................................................................................................... 23
7.1
Read Specifications............................................................................................ 24
7.2
Program, Erase, Block-Lock Specifications ............................................................ 28
7.3
Reset Specifications........................................................................................... 28
7.4
AC Test Conditions ............................................................................................ 29
8.0
Bus Interface
........................................................................................................... 30
8.1
Bus Reads ........................................................................................................ 31
8.1.1
Asynchronous Page Mode Read ................................................................ 31
8.1.2
Output Disable....................................................................................... 32
8.2
Bus Writes........................................................................................................ 32
8.3
Standby ........................................................................................................... 33
8.3.1
Reset/Power-Down ................................................................................. 33
8.4
Device Commands............................................................................................. 33
9.0
Flash Operations
..................................................................................................... 34
9.1
Status Register ................................................................................................. 34
9.1.1
Clearing the Status Register .................................................................... 35
9.2
Read Operations ............................................................................................... 35
9.2.1
Read Array ............................................................................................ 35
9.2.2
Read Status Register .............................................................................. 36
9.2.3
Read Device Information ......................................................................... 36
9.2.4
CFI Query ............................................................................................. 36
9.3
Programming Operations.................................................................................... 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com