Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F640J3F75 Datasheet(PDF) 56 Page - Numonyx B.V

Part # JS28F640J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640J3F75 Datasheet(HTML) 56 Page - Numonyx B.V

Back Button JS28F640J3F75 Datasheet HTML 52Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 53Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 54Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 55Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 56Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 57Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 58Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 59Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 60Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 67 page
background image
Datasheet
55
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Figure 23: Clear Lock-Bit Flowchart
Start
Write 60H
Write D0H
Read Status Register
SR.7 =
Full Status
Check if Desired
Clear Block Lock-Bits
Complete
FULL STATUS CHECK PROCEDURE
Bus
Operation
Write
Write
Standby
Write FFH after the clear lock-bits operation to place device in read
array mode.
Bus
Operation
Standby
SR.5, SR.4, and SR.3 are only cleared by the Clear Status Register
command.
If an error is detected, clear the status register before attempting retry
or other error recovery.
1
0
Command
Clear Block
Lock-Bits Setup
Clear Block or
Lock-Bits Confirm
Comments
Data = 60H
Addr = X
Data = D0H
Addr = X
Check SR.7
1 = WSM Ready
0 = WSM Busy
Command
Comments
Check SR.3
1 = Programming Voltage Error
Detect
Read Status Register
Data (See Above)
Voltage Range Error
SR.3 =
1
0
Command Sequence
Error
SR.4,5 =
1
0
Clear Block Lock-Bits
Error
SR.5 =
1
0
Read
Status Register Data
Standby
Check SR.4, 5
Both 1 = Command Sequence
Error
Standby
Check SR.5
1 = Clear Block Lock-Bits Error
Clear Block Lock-Bits
Successful



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com