Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F640J3F75 Datasheet(PDF) 60 Page - Numonyx B.V

Part # JS28F640J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640J3F75 Datasheet(HTML) 60 Page - Numonyx B.V

Back Button JS28F640J3F75 Datasheet HTML 56Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 57Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 58Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 59Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 60Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 61Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 62Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 63Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 64Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 67 page
background image
Datasheet
59
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
13.3
Block Status Register
The Block Status Register indicates whether an erase operation completed successfully
or whether a given block is locked or can be accessed for flash program/erase
operations.
13.4
CFI Query Identification String
The CFI Query Identification String provides verification that the component supports
the Common Flash Interface specification. It also indicates the specification version and
supported vendor-specified command set(s).
27h
Device Geometry Definition
Flash Device Layout
1
P(3)
Primary Numonyx-Specific Extended
Query Table
Vendor-Defined Additional Information Specific to
the Primary Vendor Algorithm
1,3
Notes:
1.
Refer to the Query Structure Output section and offset 28h for the detailed definition of offset address as a
function of device bus width and mode.
2.
BA = Block Address beginning location (i.e., 02000h is block 2’s beginning location when the block size is
128 KB).
3.
Offset 15 defines “P” which points to the Primary Numonyx-Specific Extended Query Table.
Table 37: Query Structure
Offset
Sub-Section Name
Description
Notes
Table 38: Block Status Register
Offset
Length
Description
Address
Value
(BA+2)h(1)
1
Block Lock Status Register
BA+2:
--00 or --01
BSR.0 Block Lock Status
0 = Unlocked
1 = Locked
BA+2:
(bit 0): 0 or 1
BSR 1–15: Reserved for Future Use
BA+2:
(bit 1–15): 0
Note:
1.
BA = The beginning location of a Block Address (i.e., 010000h is block 1’s (64-KW block) beginning location in word
mode).
Table 39: CFI Identification
Offset
Length
Description
Add.
Hex
Code
Value
10h
3
Query-unique ASCII string “QRY”
10
--51
“Q”
11:
--52
“R”
12:
--59
“Y”
13h
2
Primary vendor command set and control interface ID code.
13:
--01
16-bit ID code for vendor-specified algorithms
14:
--00
15h
2
Extended Query Table primary algorithm address
15:
--31
16:
--00
17h
2
Alternate vendor command set and control interface ID code.
17:
--00
0000h means no second vendor-specified algorithm exists
18:
--00
19h
2
Secondary algorithm Extended Query Table address.
19:
--00
0000h means none exists
1A:
--00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com