Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F640J3F75 Datasheet(PDF) 37 Page - Numonyx B.V

Part # JS28F640J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640J3F75 Datasheet(HTML) 37 Page - Numonyx B.V

Back Button JS28F640J3F75 Datasheet HTML 33Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 34Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 35Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 36Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 37Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 38Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 39Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 40Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 41Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 67 page
background image
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Datasheet
36
The Read Array command functions independent of the voltage level on VPEN.
9.2.2
Read Status Register
Issuing the Read Status Register command places the device in Read Status Register
mode. Subsequent reads output Status Register information on DQ[7:0], and 00h on
DQ[15:8]. The device remains in Read Status Register mode until a different read-
mode command is issued. Performing a program, erase, or block-lock operation also
changes the device’s read mode to Read Status Register mode.
The Status Register is updated on the falling edge of OE# or CEx, whichever occurs
last. Status Register contents are valid only when SR.7 = 1. When WSM is active, SR.7
indicates the WSM’s state and SR[6:0] are in high-Z state.
The Read Status Register command functions independent of the voltage level on
VPEN.
9.2.3
Read Device Information
Issuing the Read Device Information command places the device in Read Device
Information mode. Subsequent reads output device information on DQ[15:0].
The device remains in Read Device Information mode until a different read command is
issued. Also, performing a program, erase, or block-lock operation changes the device
to Read Status Register mode.
The Read Device Information command functions independent of the voltage level on
VPEN.
9.2.4
CFI Query
The CFI query table contains an assortment of flash product information such as block
size, density, allowable command sets, electrical specifications, and other product
information. The data contained in this table conforms to the CFI protocol.
Issuing the CFI Query command places the device in CFI Query mode. Subsequent
reads output CFI information on DQ[15:0]. The device remains in CFI Query mode until
a different read command is issued, or a program or erase operation is performed,
which changes the read mode to Read Status Register mode.
The CFI Query command functions independent of the voltage level on VPEN.
9.3
Programming Operations
All programming operations require the addressed block to be unlocked, and a valid
VPEN voltage applied throughout the programming operation. Otherwise, the
programming operation will abort, setting the appropriate Status Register error bit(s).
The following sections describe each programming method.
9.3.1
Single-Word/Byte Programming
Array programming is performed by first issuing the Single-Word/Byte Program
command. This is followed by writing the desired data at the desired array address. The
read mode of the device is automatically changed to Read Status Register mode, which
remains in effect until another read-mode command is issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com