Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JS28F640J3F75 Datasheet(PDF) 51 Page - Numonyx B.V

Part # JS28F640J3F75
Description  Numonyx® Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F640J3F75 Datasheet(HTML) 51 Page - Numonyx B.V

Back Button JS28F640J3F75 Datasheet HTML 47Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 48Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 49Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 50Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 51Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 52Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 53Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 54Page - Numonyx B.V JS28F640J3F75 Datasheet HTML 55Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 67 page
background image
Numonyx® Embedded Flash Memory (J3 65 nm) Single Bit per Cell (SBC)
Datasheet
50
Figure 18: Byte/Word Program Flowchart
Start
Write 40H,
Address
Write Data and
Address
Read Status
Register
SR.7 =
Full Status
Check if Desired
Byte/Word
Program Complete
Read Status
Register Data
(See Above)
Voltage Range Error
Device Protect Error
Programming Error
Byte/Word
Program
Successful
SR.3 =
SR.1 =
SR.4 =
FULL STATUS CHECK PROCEDURE
Bus
Operation
Write
Write
Standby
1. Toggling OE# (low to high to low) updates the status register. This
can be done in place of issuing the Read Status Register command.
Repeat for subsequent programming operations.
SR full status check can be done after each program operation, or
after a sequence of programming operations.
Write FFH after the last program operation to place device in read
array mode.
Bus
Operation
Standby
Standby
Toggling OE# (low to high to low) updates the status register. This can
be done in place of issuing the Read Status Register command.
Repeat for subsequent programming operations.
SR.4, SR.3 and SR.1 are only cleared by the Clear Status Register
command in cases where multiple locations are programmed before
full status is checked.
If an error is detected, clear the status register before attempting retry
or other error recovery.
0
1
1
0
1
0
1
0
Command
Setup Byte/
Word Program
Byte/Word
Program
Comments
Data = 40H
Addr = Location to Be Programmed
Data = Data to Be Programmed
Addr = Location to Be Programmed
Check SR.7
1 = WSM Ready
0 = WSM Busy
Command
Comments
Check SR.3
1 = Programming to Voltage Error
Detect
Check SR.4
1 = Programming Error
Read
(Note 1)
Status Register Data
Standby
Check SR.1
1 = Device Protect Detect
RP# = V
IH, Block Lock-Bit Is Set
Only required for systems
implemeting lock-bit configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com