Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSG14K_CSG8K Datasheet(PDF) 111 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 111 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 105Page - ams AG CSG14K_CSG8K Datasheet HTML 106Page - ams AG CSG14K_CSG8K Datasheet HTML 107Page - ams AG CSG14K_CSG8K Datasheet HTML 108Page - ams AG CSG14K_CSG8K Datasheet HTML 109Page - ams AG CSG14K_CSG8K Datasheet HTML 110Page - ams AG CSG14K_CSG8K Datasheet HTML 111Page - ams AG CSG14K_CSG8K Datasheet HTML 112Page - ams AG CSG14K_CSG8K Datasheet HTML 113Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 111 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Soldering & Storage Information
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 110
10
Soldering & Storage Information
Figure 137:
Solder Reflow Profile Graph
Figure 138:
Solder Reflow Profile (1)
Parameter
Reference
Device
Average temperature gradient in preheating
2.5 °C/s
Soak time
tsoak
2 to 3 minutes
Time above 217 °C (T1)
t1
Max 60 s
Time above 230 °C (T2)
t2
Max 50 s
Time above Tpeak – 10 °C (T3)
t3
Max 10 s
Peak temperature in reflow
Tpeak
245 °C
Temperature gradient in cooling
Max −5 °C/s
(1)
The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020
“Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices.” The lead finish for Pb-
free leaded packages is “Matte Tin” (100 % Sn)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com