Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSG14K_CSG8K Datasheet(PDF) 112 Page - ams AG

Part # CSG14K_CSG8K
Description  13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

CSG14K_CSG8K Datasheet(HTML) 112 Page - ams AG

Back Button CSG14K_CSG8K Datasheet HTML 105Page - ams AG CSG14K_CSG8K Datasheet HTML 106Page - ams AG CSG14K_CSG8K Datasheet HTML 107Page - ams AG CSG14K_CSG8K Datasheet HTML 108Page - ams AG CSG14K_CSG8K Datasheet HTML 109Page - ams AG CSG14K_CSG8K Datasheet HTML 110Page - ams AG CSG14K_CSG8K Datasheet HTML 111Page - ams AG CSG14K_CSG8K Datasheet HTML 112Page - ams AG CSG14K_CSG8K Datasheet HTML 113Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 112 / 113 page
background image
Document Feedback
CSG14K_CSG8K
Revision Information
Datasheet
• PUBLIC
DS000571
• v1-00 • 2020-Dec-15
112
│ 111
11
Revision Information
Document Status
Product Status
Definition
Product Preview
Pre-Development
Information in this datasheet is based on product ideas in the planning phase
of development. All specifications are design goals without any warranty and
are subject to change without notice
Preliminary Datasheet
Pre-Production
Information in this datasheet is based on products in the design, validation or
qualification phase of development. The performance and parameters shown
in this document are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in ramp-up to full production
or full production which conform to specifications in accordance with the terms
of ams AG standard warranty as given in the General Terms of Trade
Datasheet
(discontinued)
Discontinued
Information in this datasheet is based on products which conform to
specifications in accordance with the terms of ams AG standard warranty as
given in the General Terms of Trade, but these products have been
superseded and should not be used for new designs
Changes from previous version to current revision v1-00
Page
Added connection info for DIN_* pins
8
Change 3.3V tolerance to ±50mV
11
Updated Figure 7 (Responsivity, PRNU)
12
Corrected QE graphs
13
Corrected connection diagram to be in line with the description
21
Mistake in table, replaced with VDD33
25
Added row to Figure 72 (1000
– 1250 Mbit/s)
66
Binning mode corrected with 2 extra registers.. + KSIZE table
Removed IMG.6 and IMG.8 modes
Removed color parts
●
Page and figure numbers for the previous version may differ from page and figure numbers in the current revision.
●
Correction of typographical errors is not explicitly mentioned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com