Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PTFC270101M-V1-R1K Datasheet(PDF) 18 Page - WOLFSPEED, INC.

Part # PTFC270101M-V1-R1K
Description  High Power RF LDMOS Field Effect Transistor 10 W, 28 V, 900 – 2700 MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTFC270101M-V1-R1K Datasheet(HTML) 18 Page - WOLFSPEED, INC.

Back Button PTFC270101M-V1-R1K Datasheet HTML 14Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 15Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 16Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 17Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 18Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 19Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 20Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 21Page - WOLFSPEED, INC. PTFC270101M-V1-R1K Datasheet HTML 22Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
Rev. 07, 2023-06-28
18
PTFC270101M
Broadband Circuit Impedance
Z Source
Z Load
G
S
D
Freq
[MHz]
Z Source W
Z Load W
R
jX
R
jX
2620
2.2
–8.4
5.0
–12.4
2655
2.2
–8.2
5.0
–12.1
2690
2.2
–8.0
5.0
–11.8
Pulsed CW signal: 160 µsec, 10% duty cycle; 28 V, 120 mA
P1dB
Class AB
Max Output Power
Max PAE
Freq
[MHz]
Zs
[W]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
Zl
[W]
Gain
[dB]
POUT
[dBm]
POUT
[W]
PAE
[%]
2620
2.1 – j7.9
6.35 – j13
17.6
41.48
14.06
55.6
4.35 – j10.8
19.2
40.5
11.22
61.68
2655
2.2 – j8.2
5.93 – j13.2
17.4
41.46
14
54.7
4 – j11
19.1
40.43
11.04
60.8
2690
2.3 – j8.1
5.04 – j13.6
16.5
41.4
13.8
54.5
3.54 – j11.5
18.71
40.21
10.5
61.23
Typical RF Performance, 2620 – 2690 MHz (cont.)
Load Pull Performance
-15
-10
-5
0
5
10
15
20
2500
2550
2600
2650
2700
Frequency (MHz)
Small Signal CW Performance
Gain & Input Return Loss
VDD = 28 V, IDQ = 120 mA
Gain
Input Return Loss
c270101m-2.6-gr6_v2
0
10
20
30
40
50
60
70
8
10
12
14
16
18
20
22
24
28
32
36
40
44
Output Power (dBm)
CW Performance
at selected supply voltage
IDQ = 120 mA, ƒ = 2690 MHz
Gain
Efficiency
c270101m-2.6-gr5c
32 V
28 V
24 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com